Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS9560 Datasheet HTML 3Page - Micro Analog systems MAS9560 Datasheet HTML 4Page - Micro Analog systems MAS9560 Datasheet HTML 5Page - Micro Analog systems MAS9560 Datasheet HTML 6Page - Micro Analog systems MAS9560 Datasheet HTML 7Page - Micro Analog systems MAS9560 Datasheet HTML 8Page - Micro Analog systems MAS9560 Datasheet HTML 9Page - Micro Analog systems MAS9560 Datasheet HTML 10Page - Micro Analog systems MAS9560 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7 (25)
DA9560.001
20 January, 2005
RECOMMENDED EXTERNAL COMPONENTS
Parameter
Symbol
Pin
Name
Min
Typ
Max
Unit
Note
LDO Output
Capacitance
Effective Series
Resistance
CL_LDO
ESR
VLDO
0.23
0.01
CIN_LDO
3
µF
Ohm
1. Ceramic and film capacitors
can be used.
2. The value of CL LDO should be
smaller than or equal to the
value of CIN LDO.
1. When within this range, stable
with all IOUT = 0 mA…150 mA
values.
LDO Bypass
Capacitance
(Optional: if
CBYPASS is not
used, noise
performance and
PSRR decline,
but rise time is
improved.)
CBP_LDO
CBP
0.01
µF
1. Ceramic and film capacitors are
best
suited.
For
maximum
output voltage accuracy DC
leakage
current
through
capacitor should be kept as low
as possible. In any case DC
leakage current must be below
100 nA.
LDO Input
Capacitance
CIN_LDO
VBAT
0.5
µF
1. A big enough input capacitance
is needed to prevent possible
impedance
interactions
between the supply and LDO.
2. Ceramic, tantalum, and film
capacitors can be used. If a
tantalum capacitor is used, it
should be checked that the
surge current rating is sufficient
for the application.
3. In the case that the inductance
between a battery and LDO is
very small (< 0.1 µH), a 0.47 µF
input capacitor is sufficient.
4. The value of CIN_LDO should not
be smaller than the value of
CL_LDO.
When selecting capacitors, tolerance and temperature coefficient must be considered to make sure that the capacitance and resistance
are between the above specified limits in all potential operating conditions.
Analog Input
Coupling
Capacitor
CAIN,
CAUXL,
CAUXR
AUXL,
AUXR,
AIN
470
nF
1. Affects on input signal's pass band
frequence.
SREF Bypass
Capacitor
CSREF
SREF
3.3
µF
1. A too small value capacitor cannot
effectively
prevent
disturbance
from getting to signal ground.
Load Resistance:
Headphone
RL_HP
HPR,
HPL,
HPCM
16
32
ohm
Load Resistance:
Earpiece
RL_EP
EPP,
EPN
16
32
ohm
Load Resistance:
Loudspeaker
RL_S
LSP,
LSN
4
8
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com