Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9560 Datasheet HTML 1Page - Micro Analog systems MAS9560 Datasheet HTML 2Page - Micro Analog systems MAS9560 Datasheet HTML 3Page - Micro Analog systems MAS9560 Datasheet HTML 4Page - Micro Analog systems MAS9560 Datasheet HTML 5Page - Micro Analog systems MAS9560 Datasheet HTML 6Page - Micro Analog systems MAS9560 Datasheet HTML 7Page - Micro Analog systems MAS9560 Datasheet HTML 8Page - Micro Analog systems MAS9560 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4 (25)
DA9560.001
20 January, 2005
PIN CONFIGURATION
QFN 6x6 40ld
Top Marking Information:
YYWW = Year, Week
XXXXX.X = Lot Number
PIN DESCRIPTION
G = Ground, I = Input, O = Output, P = Power
Pin Name
Pin
Number
Type
Function
VBAT
1
P
Power Supply Voltage
LSVSS1
2
G
GND for Loudspeaker Driver
LSP
3
O
Loudspeaker Differential Output (Positive)
LSVDD
4
P
Power Supply Voltage for Loudspeaker Driver
LSN
5
O
Loudspeaker Differential Output (Negative)
LSVSS2
6
G
GND for Loudspeaker Driver
N/C
7
-
Not Connected
DVSS
8
G
Digital GND
MODE
9
I
Control Interface (I
2C / SPI) Selection
IOVDD
10
P
Digital I/O Power Supply Voltage
SDI
11
I/O
SPI Data In or I
2C Data In/Out
SCLK
12
I
SPI or I
2C Clock Signal
SDO
13
O
SPI Data Out
XCS
14
I
SPI Chip Select
DAI
15
I
I
2S Data In
WSI
16
I
I
2S Word Strobe Input
CLI
17
I
I
2S Clock Signal
XRES
18
I
Reset Input
N/C
19
-
Not Connected
N/C
20
-
Not Connected
AIN
21
I
Analog Input (Mono)
EXPOSED PAD
BOTTOM VIEW
1
2
40 39
TOP VIEW
1 2
40
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com