Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MAS9560 Datasheet HTML 11Page - Micro Analog systems MAS9560 Datasheet HTML 12Page - Micro Analog systems MAS9560 Datasheet HTML 13Page - Micro Analog systems MAS9560 Datasheet HTML 14Page - Micro Analog systems MAS9560 Datasheet HTML 15Page - Micro Analog systems MAS9560 Datasheet HTML 16Page - Micro Analog systems MAS9560 Datasheet HTML 17Page - Micro Analog systems MAS9560 Datasheet HTML 18Page - Micro Analog systems MAS9560 Datasheet HTML 19Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15 (25)
DA9560.001
20 January, 2005
VBAT = 3.6 V
-62
THD + Noise
EPN
RL = 32 Ω,
Pout = 50 mW
VBAT = 5.0 V
-68
VBAT = 2.7 V
-56
VBAT = 3.6 V
-58
Loudspeaker
THD + Noise
LSP,
LSN
f = 150 Hz... 20 kHz,
RL = 8 Ω,
Pout = 200 mW
VBAT = 5.0 V
-62
mW
Mute Level
HPL,
HPR,
(HPCM)
,
EPP,
EPN,
LSP,
LSN
-75
dB
Headphone PSRR
HPL,
HPR,
HPCM,
VBAT
f = 1.0 kHz, VBAT
≥ 3.1 V, RL = 32 Ω,
Vripple = 0.5 Vpp, Zero audio signal
54
dB
Earpiece PSRR
EPP,
EPN,
VBAT
f = 1.0 kHz, VBAT
≥ 3.1 V, RL = 32 Ω,
Vripple = 0.5 Vpp, Zero audio signal
69
dB
Loudspeaker PSRR
LSVDD,
LSP,
LSN
f = 1.0 kHz, LSVDD
≥ 3.1 V, RL = 8 Ω,
Vripple = 0.5 Vpp, Zero audio signal
40
63
dB
◆ Definitions
Dynamic Range: Dynamic range means the
difference between the highest and lowest levels of
the signal. Due to the fact that the dynamic range of
a loudspeaker (or similar) would significantly affect
the dynamic range measurement of MAS9560, the
following has been made: THD+N has been
measured at –60 dB, and dynamic range has been
derived of that by adding 60 dB to that value. For
example THD+N = -30 dB
Dynamic range = 90
dB.
THD+N: Total Harmonic Distortion + Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com