Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5615US Datasheet (PDF) - Microsemi Corporation

1N5615US Datasheet PDF - Microsemi Corporation
Part # 1N5615US
Download  1N5615US Download
File Size   175.55 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS

1N5615US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5615US Datasheet PDF - Microsemi Corporation

Part # 1N5615US
Download  1N5615US Click to download

File Size   175.55 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS

1N5615US Datasheet (HTML) - Microsemi Corporation


1N5615US Product details

DESCRIPTION
This “fast recovery” surface mount rectifier diode series is military qualified to MIL-PRF-19500/429 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 1.0 Amp rated rectifiers for working peak reverse voltages from 200 to 1000 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. These devices are also available in axial-leaded package configurations for thru-hole mounting (see separate data sheet for 1N5615 thru 1N5623). Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
• Surface mount package series equivalent to the JEDEC registered 1N5615 to 1N5623 series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 200 to 1000 Volts.
• JAN, JANTX, JANTXV, and JANS available per MILPRF-19500/429
• Axial-leaded equivalents also available (see separate data sheet for 1N5615 thru 1N5623)

APPLICATIONS / BENEFITS
• Fast recovery 1 Amp rectifiers 200 to 1000 V
• Military and other high-reliability applications
• General rectifier applications including bridges, halfbridges, catch diodes, etc.
• High forward surge current capability
• Extremely robust construction
• Low thermal resistance
• Controlled avalanche with peak reverse power capability
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N5615US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5615US MICROSEMI-1N5615US Datasheet
155Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N5615US SENSITRON-1N5615US Datasheet
47Kb / 3P
Fast Recovery Rectifier
logo
Microsemi Corporation
1N5615US MICROSEMI-1N5615US_09 Datasheet
155Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Similar Description - 1N5615US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5807US MICROSEMI-1N5807US Datasheet
399Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5802US MICROSEMI-1N5802US Datasheet
112Kb / 2P
SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US Datasheet
363Kb / 4P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US_09 Datasheet
262Kb / 4P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5802US MICROSEMI-1N5802US_09 Datasheet
132Kb / 2P
SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5807US MICROSEMI-1N5807US_09 Datasheet
166Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5615US MICROSEMI-1N5615US_09 Datasheet
155Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5807CBUS MICROSEMI-1N5807CBUS Datasheet
166Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com