Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1020 Datasheet (PDF) - NXP Semiconductors

CD1020 Datasheet PDF - NXP Semiconductors
Part # CD1020
Download  CD1020 Download
File Size   779.46 Kbytes
Page   61 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 22-channel multiple switch detection interface

CD1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD1020 Datasheet PDF - NXP Semiconductors

Part # CD1020
Download  CD1020 Click to download

File Size   779.46 Kbytes
Page   61 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 22-channel multiple switch detection interface

CD1020 Datasheet (HTML) - NXP Semiconductors


CD1020 Product details

Features and benefits
• Fully functional operation from 6.0 V to 36 V
• Full parametric operation from 6.0 V to 28 V
• Low-power mode current IBATP = 30 μA and IDDQ = 10 μA
• 22 Switch detection channels
– 14 Switch-to-Ground (SG) inputs
– Eight Programmable switch (SP) inputs
– Switch-to-Ground (SG) or Switch-to-Battery (SB)
– Operating switch input voltage range from –1.0 V to 36 V
– Selectable wetting current (2, 8, 12, 16 mA)
– Programmable wetting operation (pulse or continuous)
– Selectable wake-up on change of state
• 22-to-1 Analog Multiplexer
– Buffered AMUX output from SG/SP channels
• Active interrupt (INT_B) on change-of-switch state
• Direct MCU Interface through 3.3 V / 5.0 V SPI protocol




Similar Part No. - CD1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
22 channel multiple switch detection interface
Rev. 4, 7/2019
More results


Similar Description - CD1020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
22 channel multiple switch detection interface
Rev. 4, 7/2019
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com