Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD1030 Datasheet (PDF) - NXP Semiconductors

CD1030 Datasheet PDF - NXP Semiconductors
Part # CD1030
Download  CD1030 Download
File Size   922.77 Kbytes
Page   75 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 33-channel multiple switch detection interface with programmable wetting current

CD1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD1030 Datasheet PDF - NXP Semiconductors

Part # CD1030
Download  CD1030 Click to download

File Size   922.77 Kbytes
Page   75 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 33-channel multiple switch detection interface with programmable wetting current

CD1030 Datasheet (HTML) - NXP Semiconductors


CD1030 Product details

Features and benefits
• Fully functional operation from 4.5 V to 36 V
• Full parametric operation from 6.0 V to 28 V
• Low-power mode current IBATP = 50 μA and IDDQ = 10 μA
• 33 switch detection channels
– 21 switch-to-Ground (SG) inputs with configurable pull-up current sources
– 12 programmable switch (SP) inputs
– Switch-to-Ground (SG) or Switch-to-Battery (SB)
– Operating switch input voltage range from -1.0 V to 36 V
– Selectable wetting current (2.0, 6.0, 8.0, 10, 12, 14, 16, or 20 mA)
– Programmable wetting operation (Pulse or continuous)
– Selectable wake-up on change of state
• 35 to 1 Analog Multiplexer
– Buffered AMUX output from SG/SP channels
– Integrated divider by six on SG5 for battery voltage sensing
– Integrated die temperature sensing through AMUX output
– Optional two or three pin hardwire AMUX selection
• Active interrupt (INT_B) on switch's change of state
• Direct MCU Interface through 3.3 V / 5.0 V SPI protocol




Similar Part No. - CD1030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results


Similar Description - CD1030

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
Texas Instruments
TIC10024-Q1 TI1-TIC10024-Q1 Datasheet
1Mb / 81P
24-Input Multiple Switch Detection Interface (MSDI) Device With Adjustable Wetting Current for Automotive Systems
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
logo
NXP Semiconductors
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com