Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3383 Datasheet (PDF) - Unisonic Technologies

L3383 Datasheet PDF - Unisonic Technologies
Part # L3383
Download  L3383 Download
File Size   250.41 Kbytes
Page   14 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)

L3383 Datasheet (PDF)

Go To PDF Page Download Datasheet
L3383 Datasheet PDF - Unisonic Technologies

Part # L3383
Download  L3383 Click to download

File Size   250.41 Kbytes
Page   14 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)

L3383 Datasheet (HTML) - Unisonic Technologies


L3383 Product details

DESCRIPTION
The UTC L3383 Series are PFM step-up DC/DC switching converter. The UTC L3383 can support both large and small currents. It automatically switches duty ratio (45%/75%) when it senses changes in load.
Both built-in and external transistor types include 5-pin and 3-pin packages, which are provided with either a CE (chip enable) function that reduces power consumption during shut-down mode, or a VDD pin function (separated power and voltage detect pins).

FEATURES
* Output voltage range: 2.0V~7.0V in 0.1V increments
* Operating (start-up) voltage range: 0.9V~10V
* Highly accurate: Set-up voltage ±2.5%
* Maximum oscillator frequency (Max Fosc1): 180kHz (±15%)
* Variable Duty Ratio: 45%/75% (±5%)
* Both switching transistor built-in and external types are available
* 5-lead package offer Chip Enable or independent VOUT pin option.




Similar Part No. - L3383

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-18-AF5-R UTC-L3380-18-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-21-AF5-R UTC-L3380-21-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-25-AF5-R UTC-L3380-25-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
L3380-27-AF5-R UTC-L3380-27-AF5-R Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
More results


Similar Description - L3383

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
PFM Step-Up DC/DC Regulators
2002
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Unisonic Technologies
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com