Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC125 Datasheet (PDF) - Microchip Technology

TC125 Datasheet PDF - Microchip Technology
Part # TC125
Download  TC125 Download
File Size   459.97 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PFM Step-Up DC/DC Regulators

TC125 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC125 Datasheet PDF - Microchip Technology

Part # TC125
Download  TC125 Click to download

File Size   459.97 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PFM Step-Up DC/DC Regulators

TC125 Datasheet (HTML) - Microchip Technology


TC125 Product details

General Description
The TC125/126 step-up (Boost) switching regulators furnish output currents to a maximum of 80mA (VIN = 2V, VOUT = 3V) with typical efficiencies above 80%. These devices employ pulse frequency modulation (PFM) for minimum supply current at low loads. They are ideal for battery-operated applications powered from one or more cells. Maximum supply current is less than 70µA at full output load, and less than 5µA in standby (VOUT = 3V). Both devices require only an external inductor, diode, and capacitor to implement a complete DC/DC regulator.

Features
• Assured Start-up at 0.9V
• PFM (100kHz Max Operating Frequency)
• 40µA Maximum Supply Current (VOUT = 3V @ 30mA)
• 0.5µA Shutdown Mode (TC125)
• Voltage Sense Input (TC126)
• Requires Only Three External Components
• 80mA Maximum Output Current
• Small Package: 5-Pin SOT-23A

Applications
• Palmtops/PDAs
• Battery-Operated Systems
• Cameras
• Portable Communicators




Similar Part No. - TC125

ManufacturerPart #DatasheetDescription
logo
France Joint
TC125X143X13 FRANCEJOINT-TC125X143X13 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC125X145X12 FRANCEJOINT-TC125X145X12 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC125X145X13 FRANCEJOINT-TC125X145X13 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC125X145X14 FRANCEJOINT-TC125X145X14 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC125X150X12 FRANCEJOINT-TC125X150X12 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results


Similar Description - TC125

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
PFM Step-up DC/DC Converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com