Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC125 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC125
Description  PFM Step-Up DC/DC Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC125 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC125 Datasheet HTML 2Page - Microchip Technology TC125 Datasheet HTML 3Page - Microchip Technology TC125 Datasheet HTML 4Page - Microchip Technology TC125 Datasheet HTML 5Page - Microchip Technology TC125 Datasheet HTML 6Page - Microchip Technology TC125 Datasheet HTML 7Page - Microchip Technology TC125 Datasheet HTML 8Page - Microchip Technology TC125 Datasheet HTML 9Page - Microchip Technology TC125 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC125/TC126
DS21372B-page 6
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
(Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
OUTPUT CURRENT IOUT (mA)
3.5
Output Voltage vs. Output Current
TC125/126
0
1.0
2.0
2.5
L = 100
µH, C = 47µF (Tantalum)
3.0
1.5
0.5
0
20
40
60
80
100
OUTPUT CURRENT IOUT (mA)
0
2
4
5
L = 100
µ
µF (Tantalum)
6
3
1
V
VIN
IN
V
= 0.9V
V
V
1.2V
1.5V
1.8V
3.0V
3.0V
2.0V
1.5V
1.2V
V
VIN
V
= 0.9V
Output Voltage vs. Output Current
TC125/126
0
20
40
60
80
100
OUTPUT CURRENT IOUT (mA)
Efficiency vs. Output Current
TC125/126
0
20
60
80
L = 100
µH, C = 47µF (Tantalum)
100
40
0
20
40
60
80
100
OUTPUT CURRENT IOUT (mA)
0
20
60
80
L = 100
µ
µF (Tantalum)
100
40
VIN = 1.8V
= 1.8V
1.5V
1.2V
V
1.2V
0.9V
V
VIN = 3.0V
= 3.0V
1.5V
1.2V
0.9V
2.0V
2.0V
Efficiency vs. Output Current
TC125/126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com