Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP112 Datasheet PDF - Texas Instruments
Part # TMP112
Download  TMP112 Download
File Size   1338.56 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems

TMP112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP112 Datasheet PDF - Texas Instruments

Part # TMP112
Download  TMP112 Click to download

File Size   1338.56 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems

TMP112 Datasheet (HTML) - Texas Instruments


TMP112 Product details

1 Features
• Ultra-small, leadless X2SON-5 package
– Package size: 0.8 × 0.8 × 0.4mm
• Wide operating ranges
– V+ operating range: 1.14V to 5.5V
– Temperature range: -40°C to 125°C
• Accuracy holds across temperature
– ±1.0°C (maximum) from -40°C to 125°C
• 12-bit resolution: 0.0625°C (LSB)
• Flexible digital interface
– I2C and SMBus compatible
– I3C Mixed Bus co-existence capable
• Pinout and software compatible upgrades
– ±0.5°C → TMP112 (X2SON package)
• Low supply current
– 55μA Active current (typical)
– 0.15μA Shutdown current (typical)
– 3.2μA Average current (typical) at 1Hz
• Software compatible with Industry-Standard
– TMP102, TMP112
• Two (2) pinout options available
– ALERT Pin: TMP110D0, TMP110D1,
TMP110D2, TMP110D3
– Address Pin: TMP110D
• GUI-Based C-Code Generator

2 Applications
• Building automation
– Occupancy detection
– Video doorbell
– HVAC: Wireless environmental sensor
• Factory automation & control
– Machine vision camera
– Industrial PC: Single board computer
– CPU (PLC controller)
• Cold chain
• Data center & enterprise computing
– Solid state drive (SSD)
– Rack Server Motherboard
• Personal electronics
– PC & notebooks, tablets
– Digital still & video camera
– Augmented reality glasses
– Smart speakers

3 Description
The TMP110 is a I2C-compatible digital temperature
sensor in an ultra-small (0.64mm2) 5-pin package.
The small size and height package optimizes volume
constrained systems where DSBGA packages can
be considered unsuitable. Unlike DSBGA packages
of comparable size, TMP110 provides a 5th pin that
can either be used as an address pin or alert pin,
providing flexibility for both scalability of number of
sensors or monitoring critical thermal events.
The TMP110 offers an accuracy of ±1.0°C across the
temperature range with an on-chip 12-bit analog-todigital
converter (ADC) that provides a temperature
resolution of 0.0625°C.
The TMP110 is designed to operate from a supply
range as low as 1.14V, with a low average and
shutdown current of 3.2μA (at 1Hz) and 0.15μA,
respectively, allowing for an on-demand temperature
conversion and maximizing of battery life. The supply
can also be raised to as high as 5.5V for a range of
industrial applications.




Similar Part No. - TMP112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
946Kb / 33P
TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP112 TI1-TMP112 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results


Similar Description - TMP112

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
logo
Analog Devices
MAX30210 AD-MAX30210 Datasheet
619Kb / 48P
±0.1°C Accurate, Ultra-Small, Low-Power I2C Digital Temperature Sensor
19-101474; Rev 0; 12/22
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com