Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX037BL Datasheet (PDF) - Sony Corporation

LCX037BL Datasheet PDF - Sony Corporation
Part # LCX037BL
Download  LCX037BL Download
File Size   60.11 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age

LCX037BL Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX037BL Datasheet PDF - Sony Corporation

Part # LCX037BL
Download  LCX037BL Click to download

File Size   60.11 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age

LCX037BL Datasheet (HTML) - Sony Corporation


LCX037BL Product details

As the trend towards digital TV broadcasting accelerates, the needs for large screen high picture quality displays are growing rapidly. The HDTV LCD projector is expected to become one of the mainstays of this area.
To respond to these hopes, Sony has now developed a new 3.4 cm (1.35-Type) 720P digital HDTV LCD that adopts Sony’s unique high picture quality circuit technology and optimal pixel design technology.

■ Achieves high transmittance (17%) as a 3.4 cm (1.35-Type) 1.05M-dot wide XGA LCD.
■ Improved contrast and completely horizontal crosstalk-free due to display the adoption of the Dot-Line inversion drive method.
■ Vertical crosstalk-free up to the HD format due to the adoption of the 2STEP dot sequential precharge method.
■ Brightness shading-free due to the adoption of OCS (on-chip spacer) technology.
■ Vertical crosstalk-free due to adoption of a high light resistance device structure (DMS*1)
■ Up/down and/or right/left inversion functions
■ Built-in input level conversion circuits




Similar Part No. - LCX037BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
3.4cm (1.35 Type) Black-and-White LCD Panel
More results


Similar Description - LCX037BL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7670 SANYO-LA7670 Datasheet
368Kb / 7P
PLL type video detector for the high picture & sound quality
logo
List of Unclassifed Man...
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
Digital-Interface XGA LCD Controller
logo
Sony Corporation
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
logo
List of Unclassifed Man...
ACX703AKM ETC2-ACX703AKM Datasheet
38Kb / 2P
Low Power Consumption and High Picture Quality 2.0-inch 200K-dot Reflective Color LCD
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
Silicon gate LCD Picture Quality Improvement IC
logo
List of Unclassifed Man...
PQA600A ETC2-PQA600A Datasheet
4Mb / 19P
Picture Quality Analysis System
logo
Panasonic Semiconductor
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
LCD Projector
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
LCD Projector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com