Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX037BLT Datasheet (PDF) - Sony Corporation

LCX037BLT Datasheet PDF - Sony Corporation
Part # LCX037BLT
Download  LCX037BLT Download
File Size   390.75 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.4cm (1.35 Type) Black-and-White LCD Panel

LCX037BLT Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX037BLT Datasheet PDF - Sony Corporation

Part # LCX037BLT
Download  LCX037BLT Click to download

File Size   390.75 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.4cm (1.35 Type) Black-and-White LCD Panel

LCX037BLT Datasheet (HTML) - Sony Corporation


LCX037BLT Product details

Description
The LCX037BLT is a 3.4cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with a built-in peripheral driving circuit. Use of three LCX037BLT panels provides a full-color representation. The striped arrangement suitable for data display is capable of displaying fine text and vertical lines.

Features
• Number of active dots: 1,049,088 (1.35 Type, 3.4cm in diagonal)
• High optical transmittance: 16% (typ.)
• Dot-line inverse drive circuit
• OCS structure
• CMP (Chemical Mechanical Polish) structure
• High contrast ratio with normally white mode: 300 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• Antidust glass package

Applications
• Liquid crystal data projectors
• Liquid crystal multimedia projectors
• Liquid crystal rear-projector TVs, etc.




Similar Part No. - LCX037BLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
More results


Similar Description - LCX037BLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
1.8cm (0.7 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
4.6cm (1.8-type) Black-and-White LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com