Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX029CST Datasheet (PDF) - Sony Corporation

LCX029CST Datasheet PDF - Sony Corporation
Part # LCX029CST
Download  LCX029CST Download
File Size   334.5 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2.3cm (0.9 Type) Black-and-White LCD Panel

LCX029CST Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX029CST Datasheet PDF - Sony Corporation

Part # LCX029CST
Download  LCX029CST Click to download

File Size   334.5 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2.3cm (0.9 Type) Black-and-White LCD Panel

LCX029CST Datasheet (HTML) - Sony Corporation


LCX029CST Product details

Description

The LCX029CST is a 2.3cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with a built-in peripheral driving circuit. Use of three LCX029CST panels provides a full-color representation. The striped arrangement suitable for data projectors is capable of displaying fine text and vertical lines.

The adoption of DMS∗1 structure and high light resistance structure realize a high luminance screen. And cross talk free circuit and ghost free circuit contribute to high picture quality.



Features

• Number of active dots: 786,432 (0.9 Type, 2.3cm in diagonal)

• XGA, SVGA, VGA, NTSC, PAL display

• SXGA display with simple display

• High optical transmittance: 26% (typ.)

• Built-in cross talk free circuit and ghost free circuit

• High contrast ratio with normally white mode: 400 (typ.)

• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)

• Up/down and/or right/left inverse display function

• Antidust glass package

• Left twist liquid crystal



Applications

• Liquid crystal data projectors

• Liquid crystal multimedia projectors

• Liquid crystal rear-projector TVs, etc.



 




Similar Part No. - LCX029CST

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX029CST SONY-LCX029CST Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results


Similar Description - LCX029CST

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CRT SONY-LCX029CRT Datasheet
335Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
1.8cm (0.7 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
4.6cm (1.8-type) Black-and-White LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com