Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038AST Datasheet (PDF) - Sony Corporation

LCX038AST Datasheet PDF - Sony Corporation
Part # LCX038AST
Download  LCX038AST Download
File Size   318.72 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.8cm (0.7 Type) Black-and-White LCD Panel

LCX038AST Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX038AST Datasheet PDF - Sony Corporation

Part # LCX038AST
Download  LCX038AST Click to download

File Size   318.72 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.8cm (0.7 Type) Black-and-White LCD Panel

LCX038AST Datasheet (HTML) - Sony Corporation


LCX038AST Product details

Description
The LCX038AST is a 1.8cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with a built-in peripheral driving circuit. Use of three LCX038AST panels provides a full-color representation. The striped arrangement suitable for data projectors is capable of displaying fine text and vertical lines.

Features
• Number of active dots: 786,432 (0.7 Type, 1.8cm in diagonal)
• XGA, SVGA, VGA, NTSC, PAL display
• SXGA display with simple display
• High optical transmittance: 21% (typ.)
• Built-in cross talk free circuit and ghost free circuit
• High contrast ratio with normally white mode: 350 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• Antidust glass package
• Left twist liquid crystal

Applications
• Liquid crystal data projectors
• Liquid crystal multimedia projectors
• Liquid crystal rear-projector TVs, etc.




Similar Part No. - LCX038AST

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX038AST SONY-LCX038AST Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results


Similar Description - LCX038AST

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX018AK SONY-LCX018AK Datasheet
350Kb / 22P
1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX034ALT SONY-LCX034ALT Datasheet
393Kb / 26P
1.8cm (0.7 Type) Black-and-White LCD Panel
LCX038ART SONY-LCX038ART Datasheet
317Kb / 27P
1.8cm (0.7 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
4.6cm (1.8-type) Black-and-White LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com