Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX009AKB Datasheet (PDF) - Sony Corporation

LCX009AKB Datasheet PDF - Sony Corporation
Part # LCX009AKB
Download  LCX009AKB Download
File Size   351.87 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.8cm (0.7-inch) NTSC/PAL Color LCD Panel

LCX009AKB Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX009AKB Datasheet PDF - Sony Corporation

Part # LCX009AKB
Download  LCX009AKB Click to download

File Size   351.87 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.8cm (0.7-inch) NTSC/PAL Color LCD Panel

LCX009AKB Datasheet (HTML) - Sony Corporation


LCX009AKB Product details

Description
The LCX009AKB is a 1.8cm diagonal active matrix TFT-LCD panel addressed by the polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. This panel provides full color representation in NTSC/PAL mode. RGB dots are arranged in a delta pattern featuring high picture quality of no fixed color patterns, which is inherent in vertical stripes and mosaic pattern arrangements.

Features
• The number of active dots: 180,000 (0.7-inch; 1.8cm in diagonal)
• Horizontal resolution: 400 TV lines
• High optical transmittance: 3.5% (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V driving circuit (built-in input level conversion circuit, TTL drive possible)
• High quality picture representation with RGB delta arranged color filters
• Full-color representation
• NTSC/PAL compatible
• Right/left inverse display function




Similar Part No. - LCX009AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
More results


Similar Description - LCX009AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BKB SONY-LCX005BKB Datasheet
238Kb / 22P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX018AK SONY-LCX018AK Datasheet
350Kb / 22P
1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com