Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX020BK Datasheet (PDF) - Sony Corporation

LCX020BK Datasheet PDF - Sony Corporation
Part # LCX020BK
Download  LCX020BK Download
File Size   306.38 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.8cm (0.7-inch) Color LCD Panel

LCX020BK Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX020BK Datasheet PDF - Sony Corporation

Part # LCX020BK
Download  LCX020BK Click to download

File Size   306.38 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.8cm (0.7-inch) Color LCD Panel

LCX020BK Datasheet (HTML) - Sony Corporation


LCX020BK Product details

Description
The LCX020BK is a 1.8cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. This panel provides full-color representation. RGB dots are arranged in a striped pattern optimum for data applications and capable of displaying fine text and vertical lines.

Features
• Number of active dots: 1,557,000, 1.8cm (0.7-inch) in diagonal
• Supports Macintosh16 (832 × 624), SVGA (800 × 600), VGA (640 × 480) and PC98 (640 × 400) display
• Supports NTSC (640 × 480), PAL (762 × 572) and WIDE (832 × 480) display by processing the video signal at double speed
• High optical transmittance: 1% (typ.)
• Built-in cross talk free circuit
• High contrast ratio with normally white mode: 70 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function

Applications
• Liquid crystal EVFs for personal PCs/DVDs
• Small monitors, etc.




Similar Part No. - LCX020BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX021 SONY-LCX021 Datasheet
317Kb / 24P
4.1cm (1.6-inch) LCD Panel (with microlens)
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
4.1cm (1.6-inch) LCD Panel (with microlens)
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023EMT SONY-LCX023EMT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results


Similar Description - LCX020BK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX018AK SONY-LCX018AK Datasheet
350Kb / 22P
1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX034ALT SONY-LCX034ALT Datasheet
393Kb / 26P
1.8cm (0.7 Type) Black-and-White LCD Panel
LCX038ART SONY-LCX038ART Datasheet
317Kb / 27P
1.8cm (0.7 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
1.8cm (0.7 Type) Black-and-White LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com