Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX020BK Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX020BK
Description  1.8cm (0.7-inch) Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX020BK Datasheet(HTML) 5 Page - Sony Corporation

  LCX020BK Datasheet HTML 1Page - Sony Corporation LCX020BK Datasheet HTML 2Page - Sony Corporation LCX020BK Datasheet HTML 3Page - Sony Corporation LCX020BK Datasheet HTML 4Page - Sony Corporation LCX020BK Datasheet HTML 5Page - Sony Corporation LCX020BK Datasheet HTML 6Page - Sony Corporation LCX020BK Datasheet HTML 7Page - Sony Corporation LCX020BK Datasheet HTML 8Page - Sony Corporation LCX020BK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
LCX020BK
Input Equivalent Circuits
To prevent static charges, protective diodes are provided for each pin except the power supplies. In addition,
protective resistors are added to all pins except video signal inputs. All pins are connected to Vss with a high
resistance of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (Resistor value: typ.)
Input
LC
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
VVDD
Input
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
HVDD
Input
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
HVDD
Input
Input
HVDD
Signal line
(1) SIGR1 to SIGR6, SIGG1 to SIGG6, SIGB1 to SIGB6, PSIGR, PSIGG, PSIGB
(2) HCK1, HCK2
(3) RGT, MODE1, MODE2, MODE3
(4) HST
(5) PCG, VCK
(6) VST, BLK, ENB, DWN
(7) COM
1M
Ω
1M
Ω
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
VVDD
Input
1MW
1M
Ω
1M
Ω
VVDD
Input
HVDD
250
Ω
250
Ω
250
Ω
250
Ω
Level conversion circuit
(2-phase input)
1M
Ω
1M
Ω
1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com