Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021 Datasheet (PDF) - Sony Corporation

LCX021 Datasheet PDF - Sony Corporation
Part # LCX021
Download  LCX021 Download
File Size   317.08 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4.1cm (1.6-inch) LCD Panel (with microlens)

LCX021 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX021 Datasheet PDF - Sony Corporation

Part # LCX021
Download  LCX021 Click to download

File Size   317.08 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4.1cm (1.6-inch) LCD Panel (with microlens)

LCX021 Datasheet (HTML) - Sony Corporation


LCX021 Product details

Description

The LCX021AM is a 4.1cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. This panel allows full-color representation without color filters through the use of a microlens. The striped arrangement suitable for data projectors is capable of displaying fine text and vertical lines. The adoption of an advanced on-chip black matrix realizes high picture quality by incorporating a high luminance screen, cross-talk free and ghost free circuits.



Features

• The number of active dots: 1,456,000 (1.6-inch; 4.1cm in diagonal)

• Supports SVGA (804 × 3 × 604) and PC98∗1 (804 × 3 × 500)

• Effective aperture ratio: 70% (reference value)

• Built-in cross talk free and ghost free circuits

• High contrast ratio with normally white mode: 150 (typ.)

• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)

• Up/down and/or right/left inverse display function



Element Structure

• Dots: 804 × 3 (H) × 604 (V) = 1,456,848

• Built-in peripheral driver using polycrystalline silicon super thin film transistors



Applications

• Liquid crystal data projectors

• Liquid crystal projectors

• Liquid crystal rear projection TV, etc.




Similar Part No. - LCX021

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX020 SONY-LCX020 Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023EMT SONY-LCX023EMT Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results


Similar Description - LCX021

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
3.6cm (1.43-inch) LCD Panel (with microlens)
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
3.4cm (1.32-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com