Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021 Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX021
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021 Datasheet(HTML) 4 Page - Sony Corporation

  LCX021 Datasheet HTML 1Page - Sony Corporation LCX021 Datasheet HTML 2Page - Sony Corporation LCX021 Datasheet HTML 3Page - Sony Corporation LCX021 Datasheet HTML 4Page - Sony Corporation LCX021 Datasheet HTML 5Page - Sony Corporation LCX021 Datasheet HTML 6Page - Sony Corporation LCX021 Datasheet HTML 7Page - Sony Corporation LCX021 Datasheet HTML 8Page - Sony Corporation LCX021 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
– 4 –
LCX021AM
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC
PSIGB
PSIGG
PSIGR
SIGB1
SIGB2
SIGB3
SIGB4
SIGB5
SIGB6
SIGG1
SIGG2
SIGG3
SIGG4
SIGG5
SIGG6
SIGR1
SIGR2
SIGR3
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
SIGR4
SIGR5
SIGR6
HVDD
RGT
HST
HCK1
HCK2
VSS
BLK
ENB
VCK
VST
DWN
PCG
MODE
VVDD
TEST
COM
NC
Video signal R4 to panel
Video signal R5 to panel
Video signal R6 to panel
Power supply for H driver
Drive direction pulse for V shift
register (H: normal, L: reverse)
Start pulse for H shift register
drive
Clock pulse 1 for H shift register
drive
Clock pulse 2 for H shift register
drive
GND (H, V drivers)
Black frame display pulse
Enable pulse for gate selection
Clock pulse for V shift register
drive
Start pulse for V shift register
drive
Drive direction pulse for V shift
register (H: normal, L: reverse)
Improvement pulse for uniformity
Display area switching
(H: SVGA, L: PC98)
Power supply for V driver
Test; Open
Common voltage of panel
Leave this pin open.
Symbol
Description
Pin
No.
Symbol
Description
Leave this pin open.
Leave this pin open.
Blue uniformity improvement
signal
Green uniformity improvement
signal
Red uniformity improvement
signal
Video signal B1 to panel
Video signal B2 to panel
Video signal B3 to panel
Video signal B4 to panel
Video signal B5 to panel
Video signal B6 to panel
Video signal G1 to panel
Video signal G2 to panel
Video signal G3 to panel
Video signal G4 to panel
Video signal G5 to panel
Video signal G6 to panel
Video signal R1 to panel
Video signal R2 to panel
Video signal R3 to panel
Pin Description
Note) RGB video signals of Pins 6 to 23 is an example. The order of RGB can be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com