Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX021 Datasheet(PDF) 13 Page - Sony Corporation

Part # LCX021
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021 Datasheet(HTML) 13 Page - Sony Corporation

Back Button LCX021 Datasheet HTML 9Page - Sony Corporation LCX021 Datasheet HTML 10Page - Sony Corporation LCX021 Datasheet HTML 11Page - Sony Corporation LCX021 Datasheet HTML 12Page - Sony Corporation LCX021 Datasheet HTML 13Page - Sony Corporation LCX021 Datasheet HTML 14Page - Sony Corporation LCX021 Datasheet HTML 15Page - Sony Corporation LCX021 Datasheet HTML 16Page - Sony Corporation LCX021 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
– 13 –
LCX021AM
Input signal voltage (Waveform applied to the measured pixels)
4.5V
0.5V
7.0V
0V
Optical transmittance output waveform
100%
90%
10%
0%
tON
t1
ton
tOFF
t2
toff
90
50
10
V90
V50 V10
VAC – Signal amplitude [V]
Center
Right
Left
Pad
Optimum angle of incidence
6.0 ± 0.5°
Optimum angle of incidence
6.0 ± 0.5°
2. Effective aperture ratio
Measure the luminances below on the screen in System I, and calculate the effective aperture ratio using
the following formula (2).
Luminance for panel with microlens
× (TFT aperture ratio) × 100 [%] ... (2)
Luminance for panel without microlens
3. V-T characteristics
V-T characteristics, or the relationship between signal
amplitude and the transmittance of the panels, are
measured by System II by inputting the same signal
amplitude VAC to each input pin. V90, V50, and V10
correspond to the voltages which define 90%, 50%,
and 10% of transmittance respectively.
The angles of incidence for R, G and B are as shown in
the diagram below.
Red:
Center: Vertical
Green: Left:
6.0 ± 0.5°
Blue:
Right:
6.0 ± 0.5°
4. Response time
Response time ton and toff are defined by
formulas (3) and (4) respectively.
ton = t1 – tON ...(3)
toff = t2 – tOFF ...(4)
t1: time which gives 10% transmittance of
the panel.
t2: time which gives 90% transmittance of
the panel.
The relationships between t1, t2, tON and
tOFF are shown in the right figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com