Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX011AM Datasheet (PDF) - Sony Corporation

LCX011AM Datasheet PDF - Sony Corporation
Part # LCX011AM
Download  LCX011AM Download
File Size   427.9 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.6cm (1.43-inch) LCD Panel (with microlens)

LCX011AM Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX011AM Datasheet PDF - Sony Corporation

Part # LCX011AM
Download  LCX011AM Click to download

File Size   427.9 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.6cm (1.43-inch) LCD Panel (with microlens)

LCX011AM Datasheet (HTML) - Sony Corporation


LCX011AM Product details

Description
The LCX011AM is a 3.6cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. This panel allows full-color representation without color filters through the use of a microlens.

Features
• The number of active dots: 768,000 (1.43-inch; 3.6cm in diagonal)
• Horizontal resolution: 600TV lines
• Effective aperture ratio: 70% (reference value)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• NTSC/NTSC-WIDE/HD (band: 20MHz) mode selectable (PAL/PAL-WIDE mode also available through conversion of scanned dot numbers by an external IC)
• Up/down and/or right/left inverse display function
• Side-black function
• 16:9 and 4:3 aspect-ratio switching function

Applications
    Liquid crystal projectors, etc.




Similar Part No. - LCX011AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
More results


Similar Description - LCX011AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
3.4cm (1.32-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
4.1cm (1.6-inch) LCD Panel (with microlens)
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com