Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038AST Datasheet(PDF) 8 Page - Sony Corporation

Part # LCX038AST
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038AST Datasheet(HTML) 8 Page - Sony Corporation

Back Button LCX038AST Datasheet HTML 4Page - Sony Corporation LCX038AST Datasheet HTML 5Page - Sony Corporation LCX038AST Datasheet HTML 6Page - Sony Corporation LCX038AST Datasheet HTML 7Page - Sony Corporation LCX038AST Datasheet HTML 8Page - Sony Corporation LCX038AST Datasheet HTML 9Page - Sony Corporation LCX038AST Datasheet HTML 10Page - Sony Corporation LCX038AST Datasheet HTML 11Page - Sony Corporation LCX038AST Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
– 8 –
LCX038AST
∗7 Definitions: The right-pointing arrow (
) means +.
The left-pointing arrow (
) means –.
The black dot at an arrow (
) indicates the start of measurement.
<Horizontal Shift Register Driving Waveform>
Hst rise time
HST
HCK
Hst fall time
Hst data set-up time
Hst data hold time
Hckn rise time∗5
Hckn fall time∗5
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
• Hckn∗5
duty cycle 50%
to1Hck = 0ns
to2Hck = 0ns
• Hckn∗5
duty cycle 50%
to1Hck = 0ns
to2Hck = 0ns
• Hckn∗5
duty cycle 50%
to1Hck = 0ns
to2Hck = 0ns
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
Item
Symbol
Waveform
Conditions
90%
10%
10%
90%
Hst
trHst
tfHst
50%
50%
∗7
Hst
Hck1
tdHst
thHst
50%
50%
∗5
Hckn
10%
10%
90%
90%
trHckn
tfHckn
50%
50%
∗7
Hck1
to2Hck
to1Hck
50%
50%
Hck2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com