Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX038AST Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX038AST
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038AST Datasheet(HTML) 1 Page - Sony Corporation

  LCX038AST Datasheet HTML 1Page - Sony Corporation LCX038AST Datasheet HTML 2Page - Sony Corporation LCX038AST Datasheet HTML 3Page - Sony Corporation LCX038AST Datasheet HTML 4Page - Sony Corporation LCX038AST Datasheet HTML 5Page - Sony Corporation LCX038AST Datasheet HTML 6Page - Sony Corporation LCX038AST Datasheet HTML 7Page - Sony Corporation LCX038AST Datasheet HTML 8Page - Sony Corporation LCX038AST Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.8cm (0.7 Type) Black-and-White LCD Panel
Description
The LCX038AST is a 1.8cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with a built-in peripheral
driving circuit. Use of three LCX038AST panels
provides a full-color representation. The striped
arrangement suitable for data projectors is capable
of displaying fine text and vertical lines.
The adoption of DMS∗1 structure and high light
resistance structure realize a high luminance screen.
And cross talk free circuit and ghost free circuit
contribute to high picture quality.
This panel has a polysilicon TFT high-speed scanner
and built-in function to display images up/down and/or
right/left inverse. The built-in 5V interface circuit leads
to lower voltage of timing and control signals.
The panel contains an active area variable circuit
which supports S-XGA 5:4 and PC-98 8:5 data signals
by changing the active area according to the type of
input signal.
∗1 Dual Metal Shield
Features
• Number of active dots: 786,432 (0.7 Type, 1.8cm in diagonal)
• XGA, SVGA, VGA, NTSC, PAL display
• SXGA display with simple display
• High optical transmittance: 21% (typ.)
• Built-in cross talk free circuit and ghost free circuit
• High contrast ratio with normally white mode: 350 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• Antidust glass package
• Left twist liquid crystal
Element Structure
• Dots: 1024 (H)
× 768 (V) = 786,432
• Built-in peripheral driver using polycrystalline silicon super thin film transistors
Applications
• Liquid crystal data projectors
• Liquid crystal multimedia projectors
• Liquid crystal rear-projector TVs, etc.
– 1 –
E00447A0Y
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
LCX038AST
∗ The company's name and product's name in this data sheet is a trademark or a registered trademark of each company.
For the availability of this product, please contact the sales office.


Similar Part No. - LCX038AST

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX038AST SONY-LCX038AST Datasheet
55Kb / 2P
XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com