Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4M90LPSW Datasheet (PDF) - Diodes Incorporated

DMTH4M90LPSW Datasheet PDF - Diodes Incorporated
Part # DMTH4M90LPSW
Download  DMTH4M90LPSW Download
File Size   623.35 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8

DMTH4M90LPSW Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH4M90LPSW Datasheet PDF - Diodes Incorporated

Part # DMTH4M90LPSW
Download  DMTH4M90LPSW Click to download

File Size   623.35 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8

DMTH4M90LPSW Datasheet (HTML) - Diodes Incorporated


DMTH4M90LPSW Product details

Features and Benefits
 Rated to +175°C – Ideal for High Ambient Temperature
Environments
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable and Robust End Application
 Thermally Efficient Package-Cooler Running Applications
 High Conversion Efficiency
 Wettable Flank for Improved Optical Inspection
 Low RDS(ON) – Minimizes On-State Losses
 < 1.1mm Package Profile – Ideal for Thin Applications
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.

Description and Applications
This new generation MOSFET features low on-resistance and fast
switching, making it ideal for high-efficiency power-management
applications.
 Engine management systems
 Body control electronics
 DC-DC converters

Mechanical Data
 Package: PowerDI®5060-8
 Package Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 1 per J-STD-020
 Terminals: Finish – Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
 Weight: 0.097 grams (Approximate)




Similar Part No. - DMTH4M90LPSW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4M70SPGWQ DIODES-DMTH4M70SPGWQ Datasheet
674Kb / 2P
First PowerDI8080-Packaged 40V MOSFET Delivers Industry-Leading Performance
DMTH4M70SPGWQ-13 DIODES-DMTH4M70SPGWQ-13 Datasheet
674Kb / 2P
First PowerDI8080-Packaged 40V MOSFET Delivers Industry-Leading Performance
More results


Similar Description - DMTH4M90LPSW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMT47M2SFVWQ DIODES-DMT47M2SFVWQ Datasheet
479Kb / 7P
40V 150°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2019 Rev. 2 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com