Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB212XUAEX-7R Datasheet (PDF) - Diodes Incorporated

PI5USB212XUAEX-7R Datasheet PDF - Diodes Incorporated
Part # PI5USB212XUAEX-7R
Download  PI5USB212XUAEX-7R Download
File Size   687.3 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 2.0 Signal Conditioner

PI5USB212XUAEX-7R Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5USB212XUAEX-7R Datasheet PDF - Diodes Incorporated

Part # PI5USB212XUAEX-7R
Download  PI5USB212XUAEX-7R Click to download

File Size   687.3 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 2.0 Signal Conditioner

PI5USB212XUAEX-7R Datasheet (HTML) - Diodes Incorporated


PI5USB212XUAEX-7R Product details

Description
The DIODES PI5USB212 is an USB2.0 Signal conditioner to
boost the signals and insert pre-emphasis to compensate the
ISI signal loss in the channels before and after the conditioner.
Patent-pending Design to maintain stable common mode with
symmetrical Boost/Pre-emphasis on D+/D-.
The PI5USB212 can be used in USB Host or Device application,
far from USB PHY or far from connector application. Boost/
Pre-emphasis and Receiver Sensitivity levels can be configured
through pin or I2C mode depending on the channel conditions.
Device Attach and High-Speed handshake success are also detected and reported.

Application(s)
● Notebooks
● PCs
● Docking
● Cable Extenders
● TVs
● Monitors

Features
● Wide Supply Voltage Range: 2.3V to 5.5V
● USB Ports 5.5V Tolerance
● Low Power Consumption in Disconnect and Shutdown Mode
● Compatible with USB2.0, OTG 2.0 and BC 1.2
● Host or Device Agnostic
● Boost/Pre-Emphasis Level and Receiver Sensitivity Programming
hrough Pin Mode or I2C Mode
● Symmetrical Boost/Pre-Emphasis on D+/D- to Maintain Stable
Common Mode
● Device Attach and High-Speed Detections
● Supports Up to 5m Cable Length
● ESD Performance: 2KV HBM, 1KV CDM
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)
● For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
● Packaging (Pb-free & Green):
à 12-contact, X2QFN (XUA)




Similar Part No. - PI5USB212XUAEX-7R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5USB216Q DIODES-PI5USB216Q Datasheet
1Mb / 11P
Automotive Grade USB 2.0 Signal Conditioner
Rev 4-2 April 2024
PI5USB216Q2XUAEX DIODES-PI5USB216Q2XUAEX Datasheet
1Mb / 11P
Automotive Grade USB 2.0 Signal Conditioner
Rev 4-2 April 2024
More results


Similar Description - PI5USB212XUAEX-7R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com