Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB216Q Datasheet (PDF) - Diodes Incorporated

PI5USB216Q Datasheet PDF - Diodes Incorporated
Part # PI5USB216Q
Download  PI5USB216Q Download
File Size   1246.03 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Automotive Grade USB 2.0 Signal Conditioner

PI5USB216Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5USB216Q Datasheet PDF - Diodes Incorporated

Part # PI5USB216Q
Download  PI5USB216Q Click to download

File Size   1246.03 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Automotive Grade USB 2.0 Signal Conditioner

PI5USB216Q Datasheet (HTML) - Diodes Incorporated


PI5USB216Q Product details

Features
y AEC-Q100 Qualified for Automotive Applications
à Device Temperature Grade 2: -40oC to 105oC
y Wide Supply Voltage Range: 2.3V to 5.5V
y USB Ports 5.5V Tolerance
y Low Power Consumption in Disconnect and Shutdown Mode
y Compatible with USB 2.0, OTG 2.0 and BC 1.2
y Integrated BC 1.2 CDP Battery Charging Controller
y Host or Device Agnostic
y Boost/Pre-emphasis Level and Receiver Sensitivity Programming
through Pin Mode or I2C Mode
y Symmetrical Boost/Pre-emphasis on D+/D- to Maintain Stable
Common Mode
y Device Attach and High-Speed Detections
y Supports up to 5m Cable Length
y Supports up to 10m Cable Length with Two PI5USB216Q
y ESD Performance: 2KV HBM, 1KV CDM
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y The PI5USB216Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green):
à 12-contact, X2QFN (XUA)

Application
y Automotive Infotainment and Clusters
y Automotive Head Units
y Active Cables, Cable Extenders, Backplanes




Similar Part No. - PI5USB216Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5USB212 DIODES-PI5USB212 Datasheet
687Kb / 11P
USB 2.0 Signal Conditioner
PI5USB212XUAEX DIODES-PI5USB212XUAEX Datasheet
687Kb / 11P
USB 2.0 Signal Conditioner
PI5USB212XUAEX-7R DIODES-PI5USB212XUAEX-7R Datasheet
687Kb / 11P
USB 2.0 Signal Conditioner
More results


Similar Description - PI5USB216Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com