Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB216Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI5USB216Q
Description  Automotive Grade USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB216Q Datasheet(HTML) 5 Page - Diodes Incorporated

  PI5USB216Q Datasheet HTML 1Page - Diodes Incorporated PI5USB216Q Datasheet HTML 2Page - Diodes Incorporated PI5USB216Q Datasheet HTML 3Page - Diodes Incorporated PI5USB216Q Datasheet HTML 4Page - Diodes Incorporated PI5USB216Q Datasheet HTML 5Page - Diodes Incorporated PI5USB216Q Datasheet HTML 6Page - Diodes Incorporated PI5USB216Q Datasheet HTML 7Page - Diodes Incorporated PI5USB216Q Datasheet HTML 8Page - Diodes Incorporated PI5USB216Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
A Product Line of
Diodes Incorporated
PI5USB216Q
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
IIL
Low-level input current
VSEN = 0V
-5
5
uA
CDP_ENZ
VIH
High-level input voltage
1.05
5.5
V
VIL
Low-level input voltage
0
0.4
V
IIH
High-level input current
VCDP_ENZ = VCC
-5
5
uA
IIL
Low-level input current
VCDP_ENZ = GND
-20
20
uA
BOOST
RBOOST
Setting 0
160
Ω
Setting 1
1.5
2
kΩ
Setting 2
3.4
3.96
kΩ
Setting 3
7.5
kΩ
CD, HS
VOH
High-level output voltage
Iout = 50uA, VCC > 3.0V
2.5
V
Iout = 25uA, VCC = 2.3V
1.8
VOL
Low-level output voltage
Iout = 50uA
0.4
V
SCL, SDA
CI2CBUS
I2C Bus capacitance
4
150
pF
VIH
SDA and SCL input high level voltage
1.05
5.5
V
VIL
SDA and SCL input low level voltage
0
0.3
V
ISDAO
SDA low level output current
SDA = 0.4V
1.5
mA
fSCL
SCL clock frequency
1000
KHz
DxP, DxM
CIO
Capacitance to GND
240MHz, Device off
2.4
pF
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB216Q
Document Number DS45752 Rev 4-2
www.diodes.com
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
FBR
DxP/M bit rate
480.24
Mbps
tRISE
DxP/M rise time
10% - 90%; VCC = 5.5V; Max
BOOST
100
ps
tFALL
DxP/M fall time
90% - 10%; VCC = 5.5V; Max
BOOST
100
ps
tRSTN_PW
Minimum width to detect a valid
RSTN signal assert when the pin is
actively driven
20
µs
tSTABLE
VCC stable before RSTN de-assertion
100
µs
tVCC_RAMP
VCC ramp time
0.2
100
ms
Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com