Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB216Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI5USB216Q
Description  Automotive Grade USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB216Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PI5USB216Q Datasheet HTML 1Page - Diodes Incorporated PI5USB216Q Datasheet HTML 2Page - Diodes Incorporated PI5USB216Q Datasheet HTML 3Page - Diodes Incorporated PI5USB216Q Datasheet HTML 4Page - Diodes Incorporated PI5USB216Q Datasheet HTML 5Page - Diodes Incorporated PI5USB216Q Datasheet HTML 6Page - Diodes Incorporated PI5USB216Q Datasheet HTML 7Page - Diodes Incorporated PI5USB216Q Datasheet HTML 8Page - Diodes Incorporated PI5USB216Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
A Product Line of
Diodes Incorporated
PI5USB216Q
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB216Q
Document Number DS45752 Rev 4-2
www.diodes.com
Pin#
Pin Name
Type
Description
9
SEN/HS
I/O
In I2C mode: No function
In Pin mode:
At reset: 3-level input signal SEN. Receiver Sensitivity selection.
High Sensitivity (pin is pulled high)
Medium Sensitivity (pin is left floating)
Low Sensitivity (pin is pulled low)
After Reset: Output signal HS. Flag indicating that channel is in High Speed mode.
Asserted upon:
1. Detection of USB-IF High Speed test fixture from an unconnected state followed by
transmission of USB TEST_PACKET pattern.
2. Detection of High Speed a successful High Speed handshake
10
GND
Power
Ground
11
CDP_ENZ
I
Set CDP_ENZ is low to enable BC 1.2 CDP controller. Internal pullup 500kΩ
12
VCC
Power
Supply Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com