Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB216Q Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI5USB216Q
Description  Automotive Grade USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB216Q Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI5USB216Q Datasheet HTML 3Page - Diodes Incorporated PI5USB216Q Datasheet HTML 4Page - Diodes Incorporated PI5USB216Q Datasheet HTML 5Page - Diodes Incorporated PI5USB216Q Datasheet HTML 6Page - Diodes Incorporated PI5USB216Q Datasheet HTML 7Page - Diodes Incorporated PI5USB216Q Datasheet HTML 8Page - Diodes Incorporated PI5USB216Q Datasheet HTML 9Page - Diodes Incorporated PI5USB216Q Datasheet HTML 10Page - Diodes Incorporated PI5USB216Q Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
A Product Line of
Diodes Incorporated
PI5USB216Q
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB216Q
Document Number DS45752 Rev 4-2
www.diodes.com
12-X2QFN (XUA)
Ordering Code
Package Code
Package Description
PI5USB216Q2XUAEX
XUA
X2-QFN1616-12
Packaging Mechanical
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/
Ordering Information
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. Q = Automotive Compliant
5. 2 = AEC-Q100 Grade Level
6. E = Pb-free and Green
7. X suffix = Tape/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com