Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB216Q Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI5USB216Q
Description  Automotive Grade USB 2.0 Signal Conditioner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB216Q Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI5USB216Q Datasheet HTML 2Page - Diodes Incorporated PI5USB216Q Datasheet HTML 3Page - Diodes Incorporated PI5USB216Q Datasheet HTML 4Page - Diodes Incorporated PI5USB216Q Datasheet HTML 5Page - Diodes Incorporated PI5USB216Q Datasheet HTML 6Page - Diodes Incorporated PI5USB216Q Datasheet HTML 7Page - Diodes Incorporated PI5USB216Q Datasheet HTML 8Page - Diodes Incorporated PI5USB216Q Datasheet HTML 9Page - Diodes Incorporated PI5USB216Q Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
A Product Line of
Diodes Incorporated
PI5USB216Q
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB216Q
Document Number DS45752 Rev 4-2
www.diodes.com
Overview
The PI5USB216Q is an USB2.0 High-Speed (HS) Signal conditioner to boost the signals and insert pre-emphasis to compensate the
ISI signal loss in the channels before and after. PI5USB216Q will not alter the signals of USB Low Speed (LS), Full Speed (FS), On-
The-Go (OTG) and Battery Charging (BC), while HS signals are compensated. Boost/Pre-emphasis level and Receiver Sensitivity can
be programmed by I2C or pin mode.
BOOST/PRE-EMPHASIS
The BOOST pin of PI5USB216Q is used to configure the level of BOOST/PRE-EMPHASIS in pin mode and initialize the corresponding
register in I2C mode. Amplitude boost compensates the amplitude loss due to the long channel before PI5USB216Q, and pre-emphasis
compensates the high frequency loss due to the low-pass long channel after PI5USB216Q. The four settings can be selected by an external
pulldown resistor at this pin and it will be sampled a short moment after RSTN rising.
BOOST Pin Connection
Register Default Value
Boost/Pre-Emphasis Level
Setting 0 (<160 Ω)
0000
Lowest
Setting 1 (~1.8 kΩ)
0101
Lower Mid
Setting 2 (~3.6 kΩ)
1010
Higher Mid
Setting 3 (>7.5 kΩ)
1111
Highest
Receiver Sensitivity
The SEN pin of PI5USB216Q is used to configure the level of Receiver Sensitivity in pin mode and initialize the corresponding register
in I2C mode. The three settings can be selected by connecting the pin to VCC/Floating/GND during RSTN and it will be sampled a
short moment after RSTN rising. After RSTN, the pin will function as an output for HS detection.
SEN Pin Connection
Register Default Value
Receiver Sensitivity Level
VCC
11
Highest
Floating
10
Higher Mid
GND
01
Lower Mid
BC 1.2 Charing Controller
The PI5USB216Q can serve USB BC 1.2 host charging controller functionality if the host itself does not provide. When CDP_ENZ is
low, the PI5USB216Q supports CDP charging downstream port functionality. CDP_ENZ has an internal 500k pull up resistor when the
pin is left open, CDP controller will be disable.
Pin 11 (CDP_ENZ)
CDP
High
Disable
Low
Enable
Detail Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com