Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A49LF040ATL-33 Datasheet (PDF) - AMIC Technology

A49LF040ATL-33 Datasheet PDF - AMIC Technology
Part # A49LF040ATL-33
Download  A49LF040ATL-33 Download
File Size   607.04 Kbytes
Page   32 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory

A49LF040ATL-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
A49LF040ATL-33 Datasheet PDF - AMIC Technology

Part # A49LF040ATL-33
Download  A49LF040ATL-33 Click to download

File Size   607.04 Kbytes
Page   32 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory

A49LF040ATL-33 Datasheet (HTML) - AMIC Technology


A49LF040ATL-33 Product details

General Description
The A49LF040A flash memory device is designed to be read-compatible with the Intel Low Pin Count (LPC) Interface Specification 1.1. This device is designed to use a single low voltage, range from 3.0 Volt to 3.6 Volt power supply to perform in-system or off-system read and write operations. It provides protection for the storage and update of code and data in addition to adding system design flexibility through five general-purpose inputs. Two interface modes are supported by the A49LF040A: Low Pin Count (LPC) Interface mode for In-System programming and Address/Address Multiplexed (A/A Mux) mode for fast factory programming of PC-BIOS applications.

FEATURES
• Single Power Supply Operation
    - Low voltage range: 3.0 V - 3.6 V for Read and Write Operations
• Standard Intel Low Pin Count Interface
    - Read compatible to Intel® Low Pin Count (LPC) interface
• Memory Configuration
    - 512K x 8 (4 Mbit)
• Block Architecture
    - 4Mbit: eight uniform 64KByte blocks
    - Supports full chip erase for Address/Address Multiplexed (A/A Mux) mode
• Automatic Erase and Program Operation
    - Embedded Byte Program and Block/Chip Erase algorithms
    - Typical 10 µs/byte programming time
    - Typical 1s block erase time
• Two Operational Modes
    - Low Pin Count Interface (LPC) Mode for in-system operation
    - Address/Address Multiplexed (A/A Mux) Interface Mode for programming equipment
• Low Pin Count (LPC) Mode
    - 33 MHz synchronous operation with PCI bus
    - 5-signal communication interface for in-system read and write operations
    - Standard SDP Command Set
    - Data Polling (I/O7) and Toggle Bit (I/O6) features
    - Block Locking Register for all blocks
    - 4 ID pins for multi-chip selection
    - 5 GPI pins for General Purpose Input Register
    - TBL pin for hardware write protection to Boot Block
    - WP pin for hardware write protection to whole memory array except Boot Block
• Address/Address Multiplexed (A/A Mux) Mode
    - 11-pin multiplexed address and 8-pin data I/O interface
    - Supports fast programming on EPROM programmers
    - Standard SDP Command Set
    - Data Polling (I/O7) and Toggle Bit (I/O6) features
• Lower Power Consumption
    - Typical 12mA active read current
    - Typical 24mA program/erase current
• High Product Endurance
    - Guarantee 100,000 program/erase cycles for each block
    - Minimum 20 years data retention
• Compatible Pin-out and Packaging
    - 32-pin (8 mm x 14 mm) TSOP (TYPE I)
    - 32-pin PLCC
    - Optional Pb-free (Lead-free) package
    - All Pb-free (Lead-free) products are RoHS compliant




Similar Part No. - A49LF040ATL-33

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TL-33 AMICC-A49LF040TL-33 Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TL-33F AMICC-A49LF040TL-33F Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TX-33 AMICC-A49LF040TX-33 Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TX-33F AMICC-A49LF040TX-33F Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results


Similar Description - A49LF040ATL-33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
4 Mbit (512K x 8) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
8-megabit Low-pin Count Flash Memory
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
3V Only 4 Mbit Serial Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com