Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84112B Datasheet (PDF) - EPCOS

B84112B Datasheet PDF - EPCOS
Part # B84112B
Download  B84112B Download
File Size   163.17 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A

B84112B Datasheet (PDF)

Go To PDF Page Download Datasheet
B84112B Datasheet PDF - EPCOS

Part # B84112B
Download  B84112B Click to download

File Size   163.17 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A

B84112B Datasheet (HTML) - EPCOS


B84112B Product details

2-line filters
SIFI-B for enhanced insertion loss

Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 1 to 20 A

Features
■ Compact design
■ Optimized leakage current
■ Cost-optimized construction
■ Also for assembly on top-hat rails
■ ENEC10, UL and CSA approval

Applications
■ Switch-mode power supplies in
    – industrial electronics
    – telecommunications
    – data systems
    – medical equipment
■ DC applications




Similar Part No. - B84112B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112B EPCOS-B84112B Datasheet
174Kb / 10P
EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
174Kb / 10P
EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
134Kb / 11P
EMC Filters
B84112B0000A020 EPCOS-B84112B0000A020 Datasheet
174Kb / 10P
EMC filters
B84112B0000A020 EPCOS-B84112B0000A020 Datasheet
134Kb / 11P
EMC Filters
More results


Similar Description - B84112B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84114D EPCOS-B84114D Datasheet
148Kb / 10P
SIFI-D for high insertion loss
B84102C EPCOS-B84102C Datasheet
105Kb / 6P
2-line filters for general-purpose applications Rated current 0.5 to 4 A
B84111F0000B030 EPCOS-B84111F0000B030 Datasheet
292Kb / 14P
2−line filters SIFI−F for normal insertion loss
B84112G0000B030 EPCOS-B84112G0000B030 Datasheet
217Kb / 13P
2−line filters SIFI−G for enhanced insertion loss
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
2−line filters SIFI−H for very high insertion loss
logo
Bourns Electronic Solut...
EMI220T-RC BOURNS-EMI220T-RC Datasheet
120Kb / 1P
EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com