Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84102C Datasheet (PDF) - EPCOS

B84102C Datasheet PDF - EPCOS
Part # B84102C
Download  B84102C Download
File Size   105.78 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 2-line filters for general-purpose applications Rated current 0.5 to 4 A

B84102C Datasheet (PDF)

Go To PDF Page Download Datasheet
B84102C Datasheet PDF - EPCOS

Part # B84102C
Download  B84102C Click to download

File Size   105.78 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 2-line filters for general-purpose applications Rated current 0.5 to 4 A

B84102C Datasheet (HTML) - EPCOS


B84102C Product details

2-line filters for general-purpose applications

Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 0.5 to 4 A

Features
■ High insertion loss

Applications
■ Industrial equipment and small-size systems
■ DC applications




Similar Part No. - B84102C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84102C EPCOS-B84102C Datasheet
115Kb / 6P
EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
EMC filters
B84102C0030 EPCOS-B84102C0030 Datasheet
115Kb / 6P
EMC filters
B84102C0040 EPCOS-B84102C0040 Datasheet
115Kb / 6P
EMC filters
B84102C0050 EPCOS-B84102C0050 Datasheet
115Kb / 6P
EMC filters
More results


Similar Description - B84102C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B84112-B-A10 EPCOS-B84112-B-A10 Datasheet
144Kb / 8P
2-Line Filters
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
2-line filters for general-purpose applications
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com