Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372M Datasheet (PDF) - STMicroelectronics

TS372M Datasheet PDF - STMicroelectronics
Part # TS372M
Download  TS372M Download
File Size   84.27 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS VOLTAGE COMPARATOR

TS372M Datasheet (PDF)

Go To PDF Page Download Datasheet
TS372M Datasheet PDF - STMicroelectronics

Part # TS372M
Download  TS372M Click to download

File Size   84.27 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS VOLTAGE COMPARATOR

TS372M Datasheet (HTML) - STMicroelectronics


TS372M Product details

DESCRIPTION

These devices consist of two independent precision voltage comparators, designed to operate with single or dual supplies. These differential comparators use the STMicro electronics silicon lin MOS process giving them an excellent consumption-speed ratio.

These devices are ideally suited for low consumption applications.



■ WIDE SINGLE SUPPLY RANGE OR DUAL

   SUPPLIES 3V TO 16V OR ±1.5V TO ±8V

■ VERY LOW SUPPLY CURRENT: 0.1mA/COMP INDEPENDENT OF SUPPLY VOLTAGE

■ EXTREMELY LOW INPUT BIAS CURRENT : 1pA typ

■ EXTREMELY LOW INPUT OFFSET CURRENTS : 1pA typ

■ LOW INPUT OFFSET VOLTAGE

■ INPUT COMMON-MODE VOLTAGE RANGE INCLUDES GND

■ LOW OUTPUT SATURATION VOLTAGE 150mV TYP

■ OUTPUT COMPATIBLE WITH TTL, MOS AND CMOS

■ HIGH INPUT IMPEDANCE : 1012Ω typ

■ FAST RESPONSE TIME : 200ns TYP FOR TTL LEVEL INPUT STEP



 




Similar Part No. - TS372M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372M STMICROELECTRONICS-TS372M Datasheet
51Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
More results


Similar Description - TS372M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
LOW POWER QUAD CMOS VOLTAGE COMPARATOR
Feb-2002
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
CMOS Low power voltage comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
CMOS Low power voltage comparator
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com