Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372M Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS372M
Description  LOW POWER DUAL CMOS VOLTAGE COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS372M Datasheet(HTML) 2 Page - STMicroelectronics

  TS372M Datasheet HTML 1Page - STMicroelectronics TS372M Datasheet HTML 2Page - STMicroelectronics TS372M Datasheet HTML 3Page - STMicroelectronics TS372M Datasheet HTML 4Page - STMicroelectronics TS372M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS372
2/5
SCHEMATIC DIAGRAM (for 1/2 TS372)
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage 1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
Vid
Differential Input Voltage 2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input Voltage 3)
3.
The magnitude of the input and the output voltages must never exceed the magnitude of the possitive supply voltage.
18
V
Vo
Output Voltage
18
V
Io
Output Current
20
mA
IF
Forward Current in ESD Protection Diodes on Input 4)
4. Guaranteed by design.
50
mA
Duration of Output-Circuit to GND 5)
5.
Short circuit from outputs to Vcc+ can cause excessive heating and eventual destruction.
Infinite
pd
Power Dissipation 6)
DIP8
SO8
6.
Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 100°C/W for DIP8 package
= 175°C/W for SO8 package
1250
710
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Tj
Junction Temperature
+150
°C
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
3 to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ -1.5
V
Toper
Operating Free-Air Temperature range
TS372C
TS372I
TS372M
0 to +70
-40 to +125
-55 to +125
°C
Output
Input -
Input +
T
1
T2
R
1
TT
T
T
T
34
7
8
9
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
TT
T
T
TT
11
10
12
13
14
16
15
17
19
22
18
21
20
25
24
23
T26
27
28
29
30
31
32
33
34
6
5
CC
CC
V
+
V
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com