Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3K3WHFHDPSUTOBO1 Datasheet (PDF) - Infineon Technologies AG

REF3K3WHFHDPSUTOBO1 Datasheet PDF - Infineon Technologies AG
Part # REF3K3WHFHDPSUTOBO1
Download  REF3K3WHFHDPSUTOBO1 Download
File Size   1158.47 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor

REF3K3WHFHDPSUTOBO1 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF3K3WHFHDPSUTOBO1 Datasheet PDF - Infineon Technologies AG

Part # REF3K3WHFHDPSUTOBO1
Download  REF3K3WHFHDPSUTOBO1 Click to download

File Size   1158.47 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor

REF3K3WHFHDPSUTOBO1 Datasheet (HTML) - Infineon Technologies AG


REF3K3WHFHDPSUTOBO1 Product details

Features
• OptiMOSTM power MOSFET for automotive applications
• N-channel – Enhancement mode – Logic Level
• Extended qualification beyond AEC-Q101
• Enhanced electrical testing
• Robust design
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• RoHS compliant
• 100% Avalanche tested

Potential Applications
General automotive applications.

Product Validation
Qualified for automotive applications. Product validation according to AEC-Q101.




Similar Part No. - REF3K3WHFHDPSUTOBO1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
REF3K3WTPSICTOLLTOBO1 INFINEON-REF3K3WTPSICTOLLTOBO1 Datasheet
677Kb / 9P
3300 W bridgeless totem-pole PFC with CoolSiC™, CoolMOS™, and XMC™ digital control
More results


Similar Description - REF3K3WHFHDPSUTOBO1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IAUC24N10S5L300 INFINEON-IAUC24N10S5L300 Datasheet
789Kb / 10P
OptiMOSTM-5 Power-Transistor
Rev. 1.0 2019-07-23
IAUC90N10S5N062 INFINEON-IAUC90N10S5N062 Datasheet
785Kb / 10P
OptiMOSTM-5 Power-Transistor
Rev. 1.0 2019-07-23
BSC070N10NS5SC INFINEON-BSC070N10NS5SC Datasheet
991Kb / 11P
OptiMOSTM 5 Power-Transistor, 100 V
Rev.2.0,2019-11-19
IAUC100N10S5L040 INFINEON-IAUC100N10S5L040 Datasheet
569Kb / 9P
OptiMOSTM-5 Power-Transistor
Rev. 1.0 2019-01-28
IAUC100N10S5N040 INFINEON-IAUC100N10S5N040 Datasheet
233Kb / 9P
OptiMOSTM-5 Power-Transistor
Rev. 1.0 2018-06-12
BSC037N08NS5T INFINEON-BSC037N08NS5T Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.2,2020-06-17
BSC030N10NS5SC INFINEON-BSC030N10NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2022-10-07
IPA050N10NM5S INFINEON-IPA050N10NM5S Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2019-08-28
ISC017N04NM5 INFINEON-ISC017N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-22
IQE022N06LM5 INFINEON-IQE022N06LM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2023-01-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com