Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3K3WHFHDPSUTOBO1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # REF3K3WHFHDPSUTOBO1
Description  OptiMOSTM 5 Power-Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF3K3WHFHDPSUTOBO1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button REF3K3WHFHDPSUTOBO1 Datasheet HTML 4Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 5Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 6Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 7Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 8Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 9Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 10Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 11Page - Infineon Technologies AG REF3K3WHFHDPSUTOBO1 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OptiMOSTM 5 Automotive Power MOSFET, 100 V
IAUCN10S5L280D
Rev. 1.0
2024-05-03
Data Sheet
8
9 Typ. gate threshold voltage
10 Typ. capacitances
11 Typ. forward diode characteristics
12 Typ. avalanche characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com