Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDES14N045RH Datasheet (PDF) - MagnaChip Semiconductor.

MDES14N045RH Datasheet PDF - MagnaChip Semiconductor.
Part # MDES14N045RH
Download  MDES14N045RH Download
File Size   1229.28 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 135V, 180A, 4.5mΩ

MDES14N045RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDES14N045RH Datasheet PDF - MagnaChip Semiconductor.

Part # MDES14N045RH
Download  MDES14N045RH Click to download

File Size   1229.28 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 135V, 180A, 4.5mΩ

MDES14N045RH Datasheet (HTML) - MagnaChip Semiconductor.


MDES14N045RH Product details

General Description
The MDES14N045RH, Magnachip’s latest generation of MV MOSFET
Technology, which provides high performance in the lowest Rds(on),
fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications such as
Low Power Drives of E-bike, Light electric vehicles, DC/DC converter,
and general purpose applications.

Features
 VDS = 135V
 ID = 180A @VGS = 10V
 Very low on-resistance RDS(ON)
< 4.5 mΩ @VGS = 10V
 175 oC operating temperature
 100% UIL Tested
 100% Rg Tested
 100% △VDS Tested




Similar Part No. - MDES14N045RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDES10N025RH MGCHIP-MDES10N025RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 180A, 2.5mΩ
Jun. 2021. Version 1.2
MDES15N056PTRH MGCHIP-MDES15N056PTRH Datasheet
996Kb / 7P
Single N-channel Trench MOSFET 150V 5.6mΩ 182A
July 2023. ver. 1.0
More results


Similar Description - MDES14N045RH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN537N FAIRCHILD-FDN537N Datasheet
269Kb / 6P
Single N-Channel Power Trench MOSFET
logo
MagnaChip Semiconductor...
MDU1531 MGCHIP-MDU1531 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1532S MGCHIP-MDU1532S Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1535 MGCHIP-MDU1535 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1536 MGCHIP-MDU1536 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1542 MGCHIP-MDV1542 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
logo
Thinki Semiconductor Co...
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
logo
First Silicon Co., Ltd
FTK2500NSOT883 FS-FTK2500NSOT883 Datasheet
491Kb / 5P
20V Single N-channel Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com