Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDES10N025RH Datasheet (PDF) - MagnaChip Semiconductor.

MDES10N025RH Datasheet PDF - MagnaChip Semiconductor.
Part # MDES10N025RH
Download  MDES10N025RH Download
File Size   1040.96 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 180A, 2.5mΩ

MDES10N025RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDES10N025RH Datasheet PDF - MagnaChip Semiconductor.

Part # MDES10N025RH
Download  MDES10N025RH Click to download

File Size   1040.96 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V, 180A, 2.5mΩ

MDES10N025RH Datasheet (HTML) - MagnaChip Semiconductor.


MDES10N025RH Product details

General Description
The MDES10N025RH uses advanced Magnachip’s MOSFET
Technology, which provides high performance in on-state resistance,
fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications
such as Low Power Drives of E-Vehicles(E-bike), DC/DC converter,
and general purpose applications.

Features
 VDS = 100V
 ID = 180A @VGS = 10V
 Very low on-resistance RDS(ON)
< 2.5 mΩ @VGS = 10V
 100% Avalanche Tested
 100% Rg Tested
 100% △VDS Tested




Similar Part No. - MDES10N025RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDES14N045RH MGCHIP-MDES14N045RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 135V, 180A, 4.5mΩ
Jan. 2021. Version 1.2
MDES15N056PTRH MGCHIP-MDES15N056PTRH Datasheet
996Kb / 7P
Single N-channel Trench MOSFET 150V 5.6mΩ 182A
July 2023. ver. 1.0
More results


Similar Description - MDES10N025RH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180N10 STMICROELECTRONICS-STE180N10 Datasheet
85Kb / 8P
N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
Feb-1999
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
100V N-Channel Trench MOSFET
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
100V N-Channel Trench MOSFET
HRS72N10K SEMIHOW-HRS72N10K Datasheet
1Mb / 7P
100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
100V N-Channel Trench MOSFET
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
100V N-Channel Trench MOSFET
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
100V N-Channel Trench MOSFET
logo
Thinki Semiconductor Co...
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com