Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF10N055TH Datasheet (PDF) - MagnaChip Semiconductor.

MDF10N055TH Datasheet PDF - MagnaChip Semiconductor.
Part # MDF10N055TH
Download  MDF10N055TH Download
File Size   602.66 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V 5.5mΩ 80A

MDF10N055TH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDF10N055TH Datasheet PDF - MagnaChip Semiconductor.

Part # MDF10N055TH
Download  MDF10N055TH Click to download

File Size   602.66 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 100V 5.5mΩ 80A

MDF10N055TH Datasheet (HTML) - MagnaChip Semiconductor.


MDF10N055TH Product details

General description
The MDF10N055TH uses advanced Magnachip’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications
such as Synchronous Rectification and general Purpose
applications.

Features and benefits
• Magnachip’s MOSFET Technology
• Very low on-resistance RDS(on)
• 100% Avalanche / Rg Tested

Applications
• Specifically for Syncronous Rectification
• Switching Applications




Similar Part No. - MDF10N055TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF10N60B MGCHIP-MDF10N60B Datasheet
757Kb / 6P
N-Channel MOSFET 600V, 10A, 0.7(ohm)
MDF10N60BTH MGCHIP-MDF10N60BTH Datasheet
757Kb / 6P
N-Channel MOSFET 600V, 10A, 0.7(ohm)
logo
Inchange Semiconductor ...
MDF10N60BTH ISC-MDF10N60BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDF10N60GTH MGCHIP-MDF10N60GTH Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 10A, 0.7(ohm)
logo
Inchange Semiconductor ...
MDF10N60GTH ISC-MDF10N60GTH Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDF10N055TH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
N-Channel PowerTrench MOSFET 100V, 80A, 9m?
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
logo
Unisonic Technologies
UF8010 UTC-UF8010_11 Datasheet
193Kb / 6P
80A, 100V N-CHANNEL POWER MOSFET
UTT80N10 UTC-UTT80N10 Datasheet
130Kb / 3P
80A, 100V N-CHANNEL POWER MOSFET
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
100V N-Channel Trench MOSFET
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
100V N-Channel Trench MOSFET
HRS72N10K SEMIHOW-HRS72N10K Datasheet
1Mb / 7P
100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
100V N-Channel Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com