Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU04N027RH Datasheet (PDF) - MagnaChip Semiconductor.

MDU04N027RH Datasheet PDF - MagnaChip Semiconductor.
Part # MDU04N027RH
Download  MDU04N027RH Download
File Size   696.92 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 40V 2.7mΩ 70A

MDU04N027RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDU04N027RH Datasheet PDF - MagnaChip Semiconductor.

Part # MDU04N027RH
Download  MDU04N027RH Click to download

File Size   696.92 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 40V 2.7mΩ 70A

MDU04N027RH Datasheet (HTML) - MagnaChip Semiconductor.


MDU04N027RH Product details

General description
The MDU04N027RH uses advanced Magnachip’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance, and excellent quality.
This device can be utilized in appication such as BLDC motor
inverter and Synchronous Rectification.

Features and benefits
• Magnachip’s MOSFET Technology
• Very low on-resistance RDS(on)
• 100% Avalanche / Rg Tested

Applications
• BLDC Motor Inverter
• Synchronous Rectification
• Power Tool




Similar Part No. - MDU04N027RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU04N010VRH MGCHIP-MDU04N010VRH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
More results


Similar Description - MDU04N027RH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8444 FAIRCHILD-FDB8444 Datasheet
312Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 70A, 5.5mOhm
FDB8445 FAIRCHILD-FDB8445 Datasheet
367Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 70A, 9mOhm
FDB8444 FAIRCHILD-FDB8444_10 Datasheet
344Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 70A, 5.5m廓
FDB8445 FAIRCHILD-FDB8445_10 Datasheet
342Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 70A, 9m廓
logo
Shenzhen Meipusen Semic...
MSN04R010S MAPLESMI-MSN04R010S Datasheet
823Kb / 6P
40V N-Channel Trench MOSFET
MSN04R014S MAPLESMI-MSN04R014S Datasheet
824Kb / 6P
40V N-Channel Trench MOSFET
MSN04R022S MAPLESMI-MSN04R022S Datasheet
816Kb / 6P
40V N-Channel Trench MOSFET
logo
Shindengen Electric Mfg...
P70LF4QLK SHINDENGEN-P70LF4QLK Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
P70LF4QN SHINDENGEN-P70LF4QN Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
P70LF4QNK SHINDENGEN-P70LF4QNK Datasheet
1Mb / 7P
Power MOSFETs 40V, 70A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com