Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU04N010VRH Datasheet (PDF) - MagnaChip Semiconductor.

MDU04N010VRH Datasheet PDF - MagnaChip Semiconductor.
Part # MDU04N010VRH
Download  MDU04N010VRH Download
File Size   1133.93 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)

MDU04N010VRH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDU04N010VRH Datasheet PDF - MagnaChip Semiconductor.

Part # MDU04N010VRH
Download  MDU04N010VRH Click to download

File Size   1133.93 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)

MDU04N010VRH Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDU04N010VRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU04N027RH MGCHIP-MDU04N027RH Datasheet
696Kb / 7P
Single N-channel Trench MOSFET 40V 2.7mΩ 70A
Jan. 2021. Rev. 1.1
More results


Similar Description - MDU04N010VRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD1752 MGCHIP-MDD1752 Datasheet
1Mb / 7P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
MDE1752 MGCHIP-MDE1752 Datasheet
671Kb / 6P
N-Channel Trench MOSFET 40V, 66A, 8.0m(ohm)
MDF1723 MGCHIP-MDF1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 85A, 2.6m(ohm)
MDF1752 MGCHIP-MDF1752 Datasheet
1Mb / 6P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
MDU1931 MGCHIP-MDU1931 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com