Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT65R090RTH Datasheet (PDF) - MagnaChip Semiconductor.

MMFT65R090RTH Datasheet PDF - MagnaChip Semiconductor.
Part # MMFT65R090RTH
Download  MMFT65R090RTH Download
File Size   738.69 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 650V 0.09Ω N-channel MOSFET

MMFT65R090RTH Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFT65R090RTH Datasheet PDF - MagnaChip Semiconductor.

Part # MMFT65R090RTH
Download  MMFT65R090RTH Click to download

File Size   738.69 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 650V 0.09Ω N-channel MOSFET

MMFT65R090RTH Datasheet (HTML) - MagnaChip Semiconductor.


MMFT65R090RTH Product details

 Description
MMFT65R090R is power MOSFET using Magnachip’s advanced super junction technology that can
realize very low on-resistance and gate charge. It will provide much high efficiency by using optimized
charge coupling technology. These user friendly devices give an advantage of Low EMI and low
switching loss as well as excellent ESD capability to designers.

 Features
 Low power loss by high speed switching and low on-resistance
 Excellent ESD robustness
 100% avalanche tested
 Green package – Pb free plating, halogen free

 Applications
 Premium OLED TV
 PFC power supply stages
 Switching applications
 Adapter




Similar Part No. - MMFT65R090RTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMFT65R195P MGCHIP-MMFT65R195P Datasheet
1Mb / 10P
650V 0.195(ohm) N-channel MOSFET
MMFT65R195PTH MGCHIP-MMFT65R195PTH Datasheet
1Mb / 10P
650V 0.195(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMFT65R195PTH ISC-MMFT65R195PTH Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MMFT65R090RTH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP2N65 SEMIHOW-HFP2N65 Datasheet
872Kb / 7P
650V N-Channel MOSFET
HFP4N65 SEMIHOW-HFP4N65 Datasheet
802Kb / 8P
650V N-Channel MOSFET
HFP8N65S SEMIHOW-HFP8N65S Datasheet
873Kb / 8P
650V N-Channel MOSFET
HFS2N65 SEMIHOW-HFS2N65 Datasheet
868Kb / 7P
650V N-Channel MOSFET
HFS4N65 SEMIHOW-HFS4N65 Datasheet
848Kb / 7P
650V N-Channel MOSFET
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFU2N65 SEMIHOW-HFU2N65 Datasheet
876Kb / 7P
650V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com