Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1223 Datasheet (PDF) - Microchip Technology

TC1223 Datasheet PDF - Microchip Technology
Part # TC1223
Download  TC1223 Download
File Size   476.59 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 50mA and 100mA CMOS LDOs with Shutdown

TC1223 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1223 Datasheet PDF - Microchip Technology

Part # TC1223
Download  TC1223 Click to download

File Size   476.59 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 50mA and 100mA CMOS LDOs with Shutdown

TC1223 Datasheet (HTML) - Microchip Technology


TC1223 Product details

General Description

The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrades for older (bipolar) low dropout

regulators such as the LP2980. Designed specifically for battery-operated systems, the devices’ CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators).



Features

• Extremely Low Ground Current for Longer Battery Life

• Very Low Dropout Voltage

• Choice of 50mA and 100mA Output (TC1223, TC1224, Respectively)

• High Output Voltage Accuracy

• Standard or Custom Output Voltages

• Power Saving Shutdown Mode

• Over Current and Over Temperature Protection

• Space-Saving 5-Pin SOT-23A Package

• Pin Compatible Upgrades for Bipolar Regulators



Applications

• Battery Operated Systems

• Portable Computers

• Medical Instruments

• Instrumentation

• Cellular/GSM/PHS Phones

• Linear Post-Regulators for SMPS

• Pagers




Similar Part No. - TC1223

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1223 MICROCHIP-TC1223 Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223-VCT MICROCHIP-TC1223-VCT Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
More results


Similar Description - TC1223

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com