Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2054 Datasheet (PDF) - Microchip Technology

TC2054 Datasheet PDF - Microchip Technology
Part # TC2054
Download  TC2054 Download
File Size   519.83 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output

TC2054 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2054 Datasheet PDF - Microchip Technology

Part # TC2054
Download  TC2054 Click to download

File Size   519.83 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output

TC2054 Datasheet (HTML) - Microchip Technology


TC2054 Product details

General Description
The TC2054, TC2055 and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. Designed specifically for battery-operated systems, the devices’ total supply current is typically 55 µA at full load (20 to 60 times lower than in bipolar regulators).
The TC2054, TC2055 and TC2186 are stable with a low esr ceramic output capacitor of 1 µF and have a maximum output current of 50 mA, 100 mA and 150 mA, respectively. This LDO Family also features a fast response time (60 µs typically) when released from shutdown.

Features
• Low Supply Current (55 µA Typical) for Longer Battery Life
• Low Dropout Voltage: 140 mV (Typical) @ 150 mA
• High Output Voltage Accuracy: ±0.4% (Typical)
• Standard or Custom Output Voltages
• Power-Saving Shutdown Mode
• ERROR Output Can Be Used as a Low Battery
   Detector or Processor Reset Generator
• Fast Shutdown Reponse Time: 60 µs (Typical)
• Overcurrent and Overtemperature Protection
• Space-Saving 5-Pin SOT-23A Package
• Pin Compatible Upgrades for Bipolar Regulators
• Standard Output Voltage Options:
   - 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V, 5.0V
  
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular / GSMS / PHS Phones
• Pagers




Similar Part No. - TC2054

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2054-1.8VCTTR MICROCHIP-TC2054-1.8VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2054-2.5VCTTR MICROCHIP-TC2054-2.5VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2054-2.6VCTTR MICROCHIP-TC2054-2.6VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2054-2.7VCTTR MICROCHIP-TC2054-2.7VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
More results


Similar Description - TC2054

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
2002
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com