Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT027W65G3-4AG Datasheet (PDF) - STMicroelectronics

SCT027W65G3-4AG Datasheet PDF - STMicroelectronics
Part # SCT027W65G3-4AG
Download  SCT027W65G3-4AG Download
File Size   197.44 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 650 V, 29 mΩ typ., 60 A in an HiP247-4 package

SCT027W65G3-4AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT027W65G3-4AG Datasheet PDF - STMicroelectronics

Part # SCT027W65G3-4AG
Download  SCT027W65G3-4AG Click to download

File Size   197.44 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 650 V, 29 mΩ typ., 60 A in an HiP247-4 package

SCT027W65G3-4AG Datasheet (HTML) - STMicroelectronics


SCT027W65G3-4AG Product details

Features
• AEC-Q101 qualified
• Very low RDS(on) over the entire temperature range
• High speed switching performances
• Very fast and robust intrinsic body diode
• Very high operating junction temperature capability (TJ = 200 °C)
• Source sensing pin for increased efficiency

Applications
• Main inverter (electric traction)
• DC/DC converter for EV/HEV
• On board charger (OBC)

Description
This silicon carbide Power MOSFET device has been developed using ST’s
advanced and innovative 3rd generation SiC MOSFET technology. The device
features a very low RDS(on) over the entire temperature range combined with low
capacitances and very high switching operations, which improve application
performance in frequency, energy efficiency, system size and weight reduction.




Similar Part No. - SCT027W65G3-4AG

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT027H YHDC-SCT027H Datasheet
5Mb / 1P
0.333V Split core current transformer
logo
STMicroelectronics
SCT027H65G3AG STMICROELECTRONICS-SCT027H65G3AG Datasheet
374Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 29 mΩ typ., 60 A in an H²PAK-7 package
11-Nov-2022
SCT027TO65G3 STMICROELECTRONICS-SCT027TO65G3 Datasheet
1Mb / 15P
Silicon carbide Power MOSFET 650 V, 29 mΩ typ., 60 A in a TO-LL package
28-Jan-2025
More results


Similar Description - SCT027W65G3-4AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTWA90N65G2V-4 STMICROELECTRONICS-SCTWA90N65G2V-4 Datasheet
239Kb / 13P
Silicon carbide Power MOSFET 650 V, 18 mΩ typ., 119 A in an HiP247-4 package
25-Nov-2020
SCTW100N65G2AG STMICROELECTRONICS-SCTW100N65G2AG Datasheet
423Kb / 11P
Automotive-grade silicon carbide Power MOSFET 650 V, 100 A,20 mΩ (typ., TJ=25 °C), in an HiP247™ package
21-Nov-2018
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCTWA35N65G2VAG STMICROELECTRONICS-SCTWA35N65G2VAG Datasheet
243Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 long leads package
11-Aug-2020
SCTWA40N120G2AG STMICROELECTRONICS-SCTWA40N120G2AG Datasheet
257Kb / 12P
Automotive‑grade silicon carbide Power MOSFET 1200 V, 75 mΩ typ., 33 A in an HiP247 long leads package
22-Nov-2021
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com