Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTHS250N120G3AG Datasheet (PDF) - STMicroelectronics

SCTHS250N120G3AG Datasheet PDF - STMicroelectronics
Part # SCTHS250N120G3AG
Download  SCTHS250N120G3AG Download
File Size   323.6 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 1200 V, 8.5 mΩ typ., 239 A in a STPAK package

SCTHS250N120G3AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCTHS250N120G3AG Datasheet PDF - STMicroelectronics

Part # SCTHS250N120G3AG
Download  SCTHS250N120G3AG Click to download

File Size   323.6 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 1200 V, 8.5 mΩ typ., 239 A in a STPAK package

SCTHS250N120G3AG Datasheet (HTML) - STMicroelectronics


SCTHS250N120G3AG Product details

Features
• AEC-Q101 qualified
• Very low RDS(on) over the entire temperature range
• High speed switching performances
• Very fast and robust intrinsic body diode
• Very high operating junction temperature capability (TJ = 200 °C)
• Source sensing pin for increased efficiency

Application
• Main inverter (electric traction)

Description
This silicon carbide Power MOSFET device has been developed using ST’s
advanced and innovative 3rd generation SiC MOSFET technology. The device
features a very low RDS(on) over the entire temperature range combined with low
capacitances and very high switching operations, which improve application
performance in frequency, energy efficiency, system size and weight reduction.




Similar Part No. - SCTHS250N120G3AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTHS250N65G3 STMICROELECTRONICS-SCTHS250N65G3 Datasheet
301Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 6.7 mΩ typ., 207 A in a STPAK package
05-Oct-2022
SCTHS250N65G3AG STMICROELECTRONICS-SCTHS250N65G3AG Datasheet
301Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 6.7 mΩ typ., 207 A in a STPAK package
05-Oct-2022
SCTHS250N65G3TAG STMICROELECTRONICS-SCTHS250N65G3TAG Datasheet
301Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 6.7 mΩ typ., 207 A in a STPAK package
05-Oct-2022
More results


Similar Description - SCTHS250N120G3AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTW60N120G2AG STMICROELECTRONICS-SCTW60N120G2AG Datasheet
197Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package
18-May-2020
SCTWA40N120G2AG STMICROELECTRONICS-SCTWA40N120G2AG Datasheet
257Kb / 12P
Automotive‑grade silicon carbide Power MOSFET 1200 V, 75 mΩ typ., 33 A in an HiP247 long leads package
22-Nov-2021
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCTWA70N120G2V STMICROELECTRONICS-SCTWA70N120G2V Datasheet
229Kb / 12P
Silicon carbide Power MOSFET 1200 V, 21 mΩ typ., 91 A
10-Oct-2022
SCT020H120G3AG STMICROELECTRONICS-SCT020H120G3AG Datasheet
362Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 18.5 mΩ typ., 100 A in an H²PAK-7 package
27-Sep-2022
SCT025H120G3AG STMICROELECTRONICS-SCT025H120G3AG Datasheet
369Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 27 mΩ typ., 55 A in an H²PAK-7 package
28-Nov-2022
SCT040H120G3AG STMICROELECTRONICS-SCT040H120G3AG Datasheet
386Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
14-Oct-2022
SCT070H120G3AG STMICROELECTRONICS-SCT070H120G3AG Datasheet
396Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an H²PAK-7 package
04-Apr-2023
SCTH60N120G2-7AG STMICROELECTRONICS-SCTH60N120G2-7AG Datasheet
356Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 55 A in an H²PAK-7 package
02-Aug-2021
SCTHS250N65G3 STMICROELECTRONICS-SCTHS250N65G3 Datasheet
301Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 6.7 mΩ typ., 207 A in a STPAK package
05-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com