Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL165N10F8AG Datasheet (PDF) - STMicroelectronics

STL165N10F8AG Datasheet PDF - STMicroelectronics
Part # STL165N10F8AG
Download  STL165N10F8AG Download
File Size   940.53 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive N‑channel 100 V, 3.2 mΩ max., 158 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package

STL165N10F8AG Datasheet (PDF)

Go To PDF Page Download Datasheet
STL165N10F8AG Datasheet PDF - STMicroelectronics

Part # STL165N10F8AG
Download  STL165N10F8AG Click to download

File Size   940.53 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive N‑channel 100 V, 3.2 mΩ max., 158 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package

STL165N10F8AG Datasheet (HTML) - STMicroelectronics


STL165N10F8AG Product details

Features
• AEC-Q101 qualified
• MSL1 grade
• 175 °C maximum operating junction temperature
• 100% avalanche tested
• Low gate charge Qg
• Wettable flank package

Applications
• Automotive motor control
• Electro mobility

Description
The STL165N10F8AG is a 100 V N-channel enhancement mode Power MOSFET
designed in STripFET F8 technology featuring an enhanced trench gate structure.
It ensures a state-of-the-art of figure of merit for very low on-state resistance while
reducing internal capacitances and gate charge for faster and more efficient
switching.




Similar Part No. - STL165N10F8AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
803Kb / 5P
Electronic speed controller reference design for drones
Rev 3 - November 2018
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STL160NS3LLH7 STMICROELECTRONICS-STL160NS3LLH7 Datasheet
1,021Kb / 15P
Power MOSFET plus monolithic Schottky
July 2014 Rev 4
STL16N1VH5 STMICROELECTRONICS-STL16N1VH5 Datasheet
852Kb / 14P
N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET
21-Jun-2011
More results


Similar Description - STL165N10F8AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL325N4LF8AG STMICROELECTRONICS-STL325N4LF8AG Datasheet
644Kb / 15P
Automotive N‑channel enhancement mode logic level 40 V, 0.75 mΩ max., 373 A STripFET F8 Power MOSFET in a PowerFLAT 5x6
27-Apr-2022
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
STL120N10F8 STMICROELECTRONICS-STL120N10F8 Datasheet
633Kb / 15P
N‑channel enhancement mode standard level 100 V, 4.6 mΩ max., 125 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jan-2023
STL320N4LF8 STMICROELECTRONICS-STL320N4LF8 Datasheet
617Kb / 16P
N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jun-2022
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com