Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL16N1VH5 Datasheet (PDF) - STMicroelectronics

STL16N1VH5 Datasheet PDF - STMicroelectronics
Part # STL16N1VH5
Download  STL16N1VH5 Download
File Size   852.19 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET

STL16N1VH5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STL16N1VH5 Datasheet PDF - STMicroelectronics

Part # STL16N1VH5
Download  STL16N1VH5 Click to download

File Size   852.19 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET

STL16N1VH5 Datasheet (HTML) - STMicroelectronics


STL16N1VH5 Product details

Description
This device is an N-channel Power MOSFET developed using STMicroelectronics’ STripFET™V technology. The device has been optimized to achieve very low on-state resistance, contributing to an FOM that is among the best in its class.

Features
■ Improved die-to-footprint ratio
■ Very low profile package (1mm max)
■ Very low thermal resistance
■ Very low gate charge
■ Very low on-resistance
■ Optimized to be driven @ 2.5 V
■ In compliance with the 2002/95/EC European directive

Applications
■ Switching applications




Similar Part No. - STL16N1VH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL16N65M5 STMICROELECTRONICS-STL16N65M5 Datasheet
934Kb / 15P
N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
03-Nov-2011
More results


Similar Description - STL16N1VH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
N-channel 30 V, 0.0045 Ω, 15 A, PowerFLAT??(3.3 x 3.3) STripFET™V Power MOSFET
25-Aug-2008
STL11N4LLF5 STMICROELECTRONICS-STL11N4LLF5 Datasheet
1Mb / 14P
N-channel 40 V, 9.1 m typ., 15 A STripFETV Power MOSFET in a PowerFLAT 3.3 x 3.3 package
19-Feb-2013
STL100N1VH5 STMICROELECTRONICS-STL100N1VH5 Datasheet
775Kb / 13P
N-channel 12 V, 0.0022 25 A PowerFLAT (5x6) STripFET V Power MOSFET
10-Mar-2011
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
STL23NS3LLH7 STMICROELECTRONICS-STL23NS3LLH7 Datasheet
682Kb / 14P
N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
07-May-2015
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
P-channel 40 V, 0.0175 Ω typ.,8 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
March 2015 Rev 2
STL12N3LLH5 STMICROELECTRONICS-STL12N3LLH5 Datasheet
453Kb / 11P
N-channel 30 V, 0.0079 Ω, 12 A, PowerFLAT™(3.3 x 3.3) STripFET™ V Power MOSFET
June 2011 Rev 1
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com