Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9166EQ Datasheet (PDF) - Infineon Technologies AG

TLE9166EQ Datasheet PDF - Infineon Technologies AG
Part # TLE9166EQ
Download  TLE9166EQ Download
File Size   390.72 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description General product characteristics

TLE9166EQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9166EQ Datasheet PDF - Infineon Technologies AG

Part # TLE9166EQ
Download  TLE9166EQ Click to download

File Size   390.72 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description General product characteristics

TLE9166EQ Datasheet (HTML) - Infineon Technologies AG


TLE9166EQ Product details

Features
• Integrated half-bridges and high-side switches
- Overcurrent detection
- Open load detection
- High-side current sense
- PWM input for half-bridges (up to 25 kHz)
- Integrated PWM generators with phase shift for high-side switches
- Control of capacitive loads for high-side switches
• Electrochromic mirror control
• Driver for external MOSFET for heater function
• 5 V / 3.3 V regulator with short circuit protection for off-board supply
• 32-bit SPI interface for control and diagnostic
• Overtemperature warning and protection
• Over- and under-voltage lockout
• Watchdog




Similar Part No. - TLE9166EQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9104SH INFINEON-TLE9104SH Datasheet
1Mb / 35P
Smart Quad Channel Powertrain Switch
Rev. 1.2 2018-10-26
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 100P
MOTIX™ 48 V/24 V bridge driver
Rev. 0.05 2022-10-04
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
Rev. 1.00, 2023-08-07
TLE9140EQWXUMA1 INFINEON-TLE9140EQWXUMA1 Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
More results


Similar Description - TLE9166EQ

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
SSBD1060CT SILIKRON-SSBD1060CT Datasheet
298Kb / 6P
Main Product Characteristics
SSBD2045CT SILIKRON-SSBD2045CT Datasheet
463Kb / 6P
Main Product Characteristics
SSBD10100CTD SILIKRON-SSBD10100CTD Datasheet
242Kb / 3P
Main Product Characteristics
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
Main Product Characteristics
SSBD20150CT SILIKRON-SSBD20150CT Datasheet
347Kb / 6P
Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
Main Product Characteristics
SSF4N60G SILIKRON-SSF4N60G Datasheet
516Kb / 8P
Main Product Characteristics
logo
GOOD-ARK Electronics
GDSSF3611E GOOD-ARK-GDSSF3611E_15 Datasheet
353Kb / 5P
Main Product Characteristics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
Main Product Characteristics
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com